Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 52 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 52 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 48Page - Microchip Technology LAN8808D Datasheet HTML 49Page - Microchip Technology LAN8808D Datasheet HTML 50Page - Microchip Technology LAN8808D Datasheet HTML 51Page - Microchip Technology LAN8808D Datasheet HTML 52Page - Microchip Technology LAN8808D Datasheet HTML 53Page - Microchip Technology LAN8808D Datasheet HTML 54Page - Microchip Technology LAN8808D Datasheet HTML 55Page - Microchip Technology LAN8808D Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
LAN8808D
DS00005833C-page 52
© 2026 Microchip Technology Inc. and its subsidiaries
The device’s PLL is normally enabled during EDPD. It can be set to be disabled during EDPD by setting the DGT_ed-
pd_pll_dis bit in MMD31 Register 19.
Normally, previous register setting are maintained when EDPD mode is cleared. With the PLL disabled, a device reset
occurs following the removal of EDPD (or if the DGT_edpd_pll_dis bit is cleared during EDPD), in which case register
settings will return to their defaults.
5.18.3
SOFTWARE POWER-DOWN MODE
The device supports a Software Power-Down (SPD) mode. This mode is used to power down the device when it is not
in use after power-up. SPD mode is enabled by writing a one to the Power Down bit in the Basic Control register. The
device may also be placed into software power-down by default by setting the MODE_SEL[4:0] configuration straps to
‘0100x’. The device exits the SPD state after a zero is written to the Power Down bit.
Previous register settings are maintained during and following the removal of SPD.
The following remain operational during SPD:
• MII Management Interface
- Only access to the standard registers (0 through 31) is supported.
- Access to MMD address spaces other than MMD Address Space 1 is possible if the spd_clock_gate_override
bit is set.
- Access to MMD Address Space 1 is not possible.
•PLL
- Normally the PLL is enabled during SPD. It may be disabled by setting the spd_pll_disable bit described
below.
• Bandgap
- This is always enabled.
• Internal Slow Oscillator
- This is always enabled.
The following are normally disabled during SPD:
• ADC/PGA/TX/common bias circuits
•DLL
• TX and RX clocks
- If the above mentioned spd_clock_gate_override bit is set, TX and RX clocks would be enabled. They may
alternately be stopped by setting the Isolate (PHY_ISO) bit in the Basic Control register.
5.18.3.1
SPD Extra Power Savings
To achieve a lower power usage, the PLL may be disabled during SPD mode by setting the spd_pll_disable bit in the
Digital Debug Control 2 register prior to entering SPD. The device may also be placed into software power-down with
the PLL disabled by default by setting the MODE_SEL[4:0] configuration straps to ‘01001’.
With the PLL disabled, a device reset occurs following the removal of SPD (or if the spd_pll_disable bit is cleared during
SPD). Register settings will return to their defaults, determined by the Operation Mode Strap Override Low register and
the Operation Mode Strap Override High register.
APPLICATION NOTE: If either the spd_pll_dis_mode or spd_pll_en_mode bits in the Operation Mode Strap
Override Low register are set, the device will return to SPD mode, potentially with the PLL
disabled. In order to avoid this logical loop, software must clear the spd_pll_dis_mode and
spd_pll_en_mode bits before exiting SPD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com