Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 42 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 42 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 38Page - Microchip Technology LAN8808D Datasheet HTML 39Page - Microchip Technology LAN8808D Datasheet HTML 40Page - Microchip Technology LAN8808D Datasheet HTML 41Page - Microchip Technology LAN8808D Datasheet HTML 42Page - Microchip Technology LAN8808D Datasheet HTML 43Page - Microchip Technology LAN8808D Datasheet HTML 44Page - Microchip Technology LAN8808D Datasheet HTML 45Page - Microchip Technology LAN8808D Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
LAN8808D
DS00005833C-page 42
© 2026 Microchip Technology Inc. and its subsidiaries
5.12.3
EXTERNAL CONNECTOR LOOPBACK
The external connector loopback testing feature allows the twisted pair interface to be looped back externally. This loop-
back tests the PHY digital and MAC connectivity. When using this feature, the PHY must be connected to a loopback
connector or a loopback cable. Pair A must be connected to pair B, and pair C to pair D, as shown in Figure 5-5. The
connector loopback feature functions at all available interface speeds.
5.12.4
QSGMII LOOPBACK
This QSGMII loopback testing feature calls various portions of the QSGMII block to be tested, as shown in Figure 5-5.
When frames are looped in the QSGMII PCS1G, individual ports are looped, not the entire QSGMII. When frames are
looped in the QSGMII SerDes, all four ports are looped.
FIGURE 5-5:
EXTERNAL CONNECTOR LOOPBACK
FIGURE 5-6:
QSGMII LOOPBACK
PCS
PMA
LAN8808D
MAC
Switch or SoC
GPHY Port X
PCS1G
Port X
PCS1G
PCS1G
PCS1G
Other
Ports
MAC
MAC
MAC
Port X
QSGMII
A
B
C
D
QSGMII PCS1G TBI Loopback
PCS
PMA
LAN8808D
MAC
Switch or SoC
Link
Partner
GPHY Port X
PCS1G
Port X
Other
Ports
MAC
MAC
MAC
Port X
QSGMII
PCS1G
PCS1G
PCS1G
PCS
PMA
LAN8808D
MAC
Switch or SoC
Link
Partner
GPHY Port X
PCS1G
Port X
Other
Ports
MAC
MAC
MAC
Port X
QSGMII
PCS1G
PCS1G
PCS1G
QSGMII PCS1G GMII Loopback
LAN8808D
MAC
Switch or SoC
MAC
MAC
MAC
QSGMII
QSGMII SerDes Loopback
PCS
PMA
Link
Partner
GPHY
PCS1G
Port 3
PCS
PMA
Link
Partner
GPHY
PCS1G
Port 2
PCS
PMA
Link
Partner
GPHY
PCS1G
Port 1
PCS
PMA
Link
Partner
GPHY
PCS1G
Port 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com