Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 19 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 19 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 15Page - Microchip Technology LAN8808D Datasheet HTML 16Page - Microchip Technology LAN8808D Datasheet HTML 17Page - Microchip Technology LAN8808D Datasheet HTML 18Page - Microchip Technology LAN8808D Datasheet HTML 19Page - Microchip Technology LAN8808D Datasheet HTML 20Page - Microchip Technology LAN8808D Datasheet HTML 21Page - Microchip Technology LAN8808D Datasheet HTML 22Page - Microchip Technology LAN8808D Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
LAN8808D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005833C-page 19
LED Polarity
Configuration
Straps
PORT0_LED1_POL
PORT0_LED2_POL
PORT1_LED1_POL
PORT1_LED2_POL
PORT2_LED1_POL
PORT2_LED2_POL
PORT3_LED1_POL
PORT3_LED2_POL
VIS
Configures LED polarity as Active High or Active Low. Since
the LED pins are shared with configuration straps, the default
polarity of the LED pins is determined during strap loading.
If the strap value on a pin is a 0, the LED is set as active high
(PORTx_LEDy_POL = 1), since it is assumed that a LED to
ground is used as the pull-down.
Note:
When using a LED as a pull-down strap, an exter-
nal supplemental pull-down resistor may be
needed to ensure a valid low level.
If the strap value on a pin is 1, the LED is set as active low
(PORTx_LEDy_POL = 0), since it is assumed that a LED to
VDDIO is used as the pull-up.
Refer to Section 3.3.4, "LED Polarity
(PORT[3:0]_LED[2:1]_POL)" for additional information.
Device Mode
Configuration
Straps
MODE_SEL[4:0]
VIS
Configures the specific functional mode of all PHYs. The
MODE[4:0] configuration straps are sampled and latched at
power-up/reset and are defined in Section 3.3.1, "Device Mode
Select (MODE_SEL[4:0])".
LED Mode
Configuration
Strap
LED_MODE
VIS
Configures the device’s LED behavior as Individual or Tri-
Color. All 8 LEDs are configured with identical behavior. The
LED_MODE configuration strap is sampled and latched at
power-up/reset and is defined as follows:
0: Tri-color-LED mode
1: Individual-LED mode
Refer to Section 3.3.3, "LED Mode Select (LED_MODE)" for
additional information.
TABLE 3-8:
POWER AND GROUND PINS
Name
Symbol
Buffer
Type
Description
+2.5V
Analog I/O Power
Supply
VDDAH_COMMON
VDDAH_P[3:0]
VDDAH_PLL_PTP
VDDAH_SERDES
P
+2.5V analog I/O power supply
+1.21V Analog
Power Supply
VDDAL_COMMON
VDDAL_ADC_AB_P[3:0]
VDDAL_ADC_CD_P[3:0]
VDDAL_TXL_SERDES
VDDAL_CK125
P
+1.21V analog power supply
+3.3/2.5/1.8V
Variable I/O
Power Supply
Input
VDDIO
VDDIO_1
P
+3.3/2.5/1.8V variable I/O digital power supply input
+1.21V Digital
Core Power
Supply Input
VDDCORE
P
+1.21V digital core power supply input
TABLE 3-7:
CONFIGURATION STRAP INPUT PINS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com