Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 45 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 45 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 41Page - Microchip Technology LAN8808D Datasheet HTML 42Page - Microchip Technology LAN8808D Datasheet HTML 43Page - Microchip Technology LAN8808D Datasheet HTML 44Page - Microchip Technology LAN8808D Datasheet HTML 45Page - Microchip Technology LAN8808D Datasheet HTML 46Page - Microchip Technology LAN8808D Datasheet HTML 47Page - Microchip Technology LAN8808D Datasheet HTML 48Page - Microchip Technology LAN8808D Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
LAN8808D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005833C-page 45
5.14.2
ALL PHYS ADDRESS
Normally, the Ethernet PHYs are accessed at the PHY addresses set by the PHYAD[4:0] strapping pins.
PHY Address 0h is optionally supported as the broadcast PHY address, which allows for a single write command to
simultaneously program an identical PHY register for two or more PHY devices (for example, using PHY Address 0h to
set the Basic Control register to a value of 0x1940 to set bit[11] to a value of one to enable software power-down).
PHY Address 0 is enabled (in addition to the PHY address set by the PHYAD[4:0] strapping pins) when the All-PHYAD
Enable bit in the Common Control register is set to ‘1’.
5.14.3
MDIO OUTPUT DRIVE MODE
The MDIO output pin drive mode is controlled by the MDIO Buffer Type bit in the Output Control register. When set to
a ‘0’, the MDIO output is open-drain. When set to ‘1’, the MDIO output is push-pull.
5.15
Interrupts
The INT_N pin is an optional interrupt signal that is used to inform the external controller that there has been a status
update in the device. The Interrupt Enable register contains the interrupt control bits that enable and disable the condi-
tions for asserting the INT_N signal. The Interrupt Status register contains the interrupt status bits that indicate which
interrupt conditions have occurred. Most interrupt status bits are cleared upon reading. Some bits are read only and
have a lower level register to indicate individual sources.
The interrupt structure of the device is detailed in Figure 5-8.
The INT_N buffer type is selectable between open-drain and push-pull and is configured by the INT Buffer Type field in
the Output Control register. The default is open-drain.
The Intr Polarity Invert bit in the Control register sets the interrupt level to active high or active low. The default is active
low. If the buffer type is set to open-drain, the polarity is forced to be active low.
Note:
Bits in the Interrupt Status register are set by the interrupt events regardless of the value of the correspond-
ing bits in the Interrupt Enable register.
FIGURE 5-8:
INTERRUPT STRUCTURE
4
INT_N
Chip-Level
Interrupt
Chip-Level
Interrupt Status Register
GPHY_Hard_Macro_x
Interrupt
Logical
OR
GPHY Hard Macro x
GPHY
Interrupt
Enable
Register
4
GPIOs
Interrupt
Logical
OR
GPIO
Interrupt
Enable
Register
AB PVT
Interrupt
Logical
OR
AB PVT
Interrupt
Mask
Register
Interrupt
Sources
GPHY ISR
Interrupt
Sources
GPIO ISR
Interrupt
Sources
AB PVT ISR
GPIOs
Temperature Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com