Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 43 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 43 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 39Page - Microchip Technology LAN8808D Datasheet HTML 40Page - Microchip Technology LAN8808D Datasheet HTML 41Page - Microchip Technology LAN8808D Datasheet HTML 42Page - Microchip Technology LAN8808D Datasheet HTML 43Page - Microchip Technology LAN8808D Datasheet HTML 44Page - Microchip Technology LAN8808D Datasheet HTML 45Page - Microchip Technology LAN8808D Datasheet HTML 46Page - Microchip Technology LAN8808D Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
LAN8808D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005833C-page 43
5.13
QSGMII
The device provides a QSGMII interface that adheres to the QSGMII Specification Rev. 1.3 [4] (EDCS-540123). QSGMII
is a serial chip-chip connection that connects the LAN8808D PHY ports with four MACs in the Switch or SoC. Figure 5-
7 illustrates QSGMII operation, with the switch/SoC on the left and the LAN8808D on the right.
Each device PHY connects to an SGMII “PCS1G” block (each is shown in Figure 5-7 as a separate TX PCS1G and RX
PCS1G). The four SGMII TX PCS1G outputs are multiplexed together by the TX QSGMII Extender, which then swaps
the Port 0 K28.5 symbol to K28.1 for Port 0 in the TX QSGMII Extender, before multiplexing the four ports together.
Each PCS1G instance includes a Jitter Test Pattern (JTP) Generator and Checker. The JTP Generator supports the
following test patterns:
• High Frequency Test Pattern – repeated transmission of D21.5 code group
• Low Frequency Test Pattern – repeated transmission of K28.7 code group
• Mixed Frequency Test Pattern – repeated transmission of K28.5 code group
• Long Continuous Random Test Pattern – 1524 byte frames
• Short Continuous Random Test Pattern – 360 byte frames
The JTP Checker provides Checker Lock and Error Detected indications, as well as an error count.
FIGURE 5-7:
QSGMII SYSTEM DIAGRAM
QSGMII
TX
RX
PCS
RX
PMA
RX
AFE
TX
PCS1G
8
8
10
20
1
RX
PCS
RX
PMA
RX
AFE
TX
PCS1G
8
8
10
RX
PCS
RX
PMA
RX
AFE
TX
PCS1G
8
8
10
RX
PCS
RX
PMA
RX
AFE
TX
PCS1G
8
8
10
RX0 Timing Domain
RX1 Timing Domain
RX2 Timing Domain
RX3 Timing Domain
QSGMII
TX Timing Domain
QSGMII
RX
TX
PCS
TX
PMA
TX
AFE
RX
PCS1G
8
8
10
20
1
TX
PCS
TX
PMA
TX
AFE
RX
PCS1G
8
8
10
TX
PCS
TX
PMA
TX
AFE
RX
PCS1G
8
8
10
TX
PCS
TX
PMA
TX
AFE
RX
PCS1G
8
8
10
TX0 Timing Domain
TX1 Timing Domain
TX2 Timing Domain
TX3 Timing Domain
QSGMII
RX Timing Domain
5 Gbps 250 MHz
125 MHz
125 MHz
TX PCS1G Rate
Adaptation
TX PCS1G Rate
Adaptation
TX PCS1G Rate
Adaptation
TX PCS1G Rate
Adaptation
RX PCS1G Rate
Adaptation
RX PCS1G Rate
Adaptation
RX PCS1G Rate
Adaptation
RX PCS1G Rate
Adaptation
PHY RX Timing Domains
PHY TX Timing Domains
PHY
RX
PHY
TX
RX0
RX1
RX2
RX3
TX0
TX1
TX2
TX3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com