Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 48 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 48 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 44Page - Microchip Technology LAN8808D Datasheet HTML 45Page - Microchip Technology LAN8808D Datasheet HTML 46Page - Microchip Technology LAN8808D Datasheet HTML 47Page - Microchip Technology LAN8808D Datasheet HTML 48Page - Microchip Technology LAN8808D Datasheet HTML 49Page - Microchip Technology LAN8808D Datasheet HTML 50Page - Microchip Technology LAN8808D Datasheet HTML 51Page - Microchip Technology LAN8808D Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
LAN8808D
DS00005833C-page 48
© 2026 Microchip Technology Inc. and its subsidiaries
Bits in the GPIO Interrupt Status Registers are set by the interrupt events regardless of the value of the corresponding
bits in the GPIO Interrupt Enable Registers.
Each GPIO interrupt polarity can be set individually via the GPIO Interrupt Polarity Registers. When the Interrupt Polarity
bit is set to ‘1’, a high logic level on the GPIO pin will set the corresponding interrupt bit in the GPIO Interrupt Status
Registers. When the Interrupt Polarity bit is set to ‘0’, a low logic level on the GPIO pin will set the corresponding interrupt
bit in the GPIO Interrupt Status Registers.
5.16.3
GPIO TIMING
For GPIO timing information, refer to the following Section 6.6, "AC Specifications" sub-sections:
• GPIO Timing
• GPIO SOF Detection Timing
5.17
LEDs
The device provides eight programmable LEDs, two per port (PORT[0:3]LED[1:2]), which are configurable to support
multiple LED modes. The LED mode is configured by the LED_MODE configuration strap as well as port-specific
instances of the LED Control Register 1 and 2. All eight LEDs are configured with identical behavior via the LED_MODE
configuration strap. Port-specific LED configuration can be accomplished via the LED Control Register 1 and 2. The
supported LED modes are:
• Individual-LED Mode (LED Control Register 1, bit[6] (KSZ0931 LED mode) = ‘1’, LED_MODE pulled-up)
• Tri-color-LED Mode (LED Control Register 1, bit[6] (KSZ0931 LED mode) = ‘1’, LED_MODE pulled-down)
• Enhanced LED Mode (LED Control Register 1, bit[6] (KSZ0931 LED mode) = ‘0’, LED_MODE unused)
To use LEDs, they must be enabled as GPIOs and GPIO Alternate Functions. The GPIOs must be configured as Out-
puts, and the proper output driver type selected (open-drain or push-pull). If open-drain type is selected, the output driver
will automatically choose between open-source and open-drain based on LED polarity.
The PORT[3:0]_LED[2:1]_POL configuration straps set the default polarity of the LED pins. Refer to Section 3.3.4, "LED
Polarity (PORT[3:0]_LED[2:1]_POL)" for additional LED polarity information. Refer to Section 3.3.3, "LED Mode Select
(LED_MODE)" for additional LED_MODE information.
5.17.1
INDIVIDUAL-LED MODE
In Individual-LED mode, the PORTxLED2 pin indicates the link status while the PORTxLED1 pin indicates the activity
status, as shown in Table 5-8.
Note:
Upon reset, GPIOs that were outputs may generate an active interrupt status as the system settles—typi-
cally when a low GPIO pin slowly rises due to the internal pull-up. The interrupt status bits within the GPIO
Interrupt Status Registers must be cleared as part of the device initialization software routine.
Note:
The LEDs are forced off when any of the following occurs:
• The Isolate (PHY_ISO) bit in the Basic Control register is set.
• The Power Down bit in the Basic Control register is set.
TABLE 5-8:
INDIVIDUAL-LED MODE OPERATION
PORTxLED2
PORTxLED1
Definition
Inactive
Inactive
No link
Active
Inactive
Link any speed, no activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com