Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 62 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 62 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 58Page - Microchip Technology LAN8808D Datasheet HTML 59Page - Microchip Technology LAN8808D Datasheet HTML 60Page - Microchip Technology LAN8808D Datasheet HTML 61Page - Microchip Technology LAN8808D Datasheet HTML 62Page - Microchip Technology LAN8808D Datasheet HTML 63Page - Microchip Technology LAN8808D Datasheet HTML 64Page - Microchip Technology LAN8808D Datasheet HTML 65Page - Microchip Technology LAN8808D Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
LAN8808D
DS00005833C-page 62
© 2026 Microchip Technology Inc. and its subsidiaries
Note 6-8
IEEE 802.3 clause 40.6.1.1.2 Test Mode 1
Note 6-9
From 1/2 of average VOP, Test Mode 1
Note 6-10
IEEE 802.3 clause 40.6.1.1.2 distortion processing
Note 6-11
Measured at line side of transformer, line replaced by 100
 (±1%) resistor.
Note 6-12
Offset from 16 ns pulse width at 50% of pulse peak.
Note 6-13
Peak to Peak, measured differentially.
TABLE 6-7:
1000BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Note
Peak Differential Output Voltage
IEEE 802.3 clause 40.6.1.2.1
VOP
670
—
820
mV
Note 6-8
Signal Amplitude Symmetry
IEEE 802.3 clause 40.6.1.2.1
VSS
——
1
%
Note 6-8
Signal Scaling
IEEE 802.3 clause 40.6.1.2.1
VSC
——
2
%
Note 6-9
Output Droop
IEEE 802.3 clause 40.6.1.2.2
VOD
73.1
—
—
%
Note 6-8
Transmission Distortion
IEEE 802.3 clause 40.6.1.2.4
——
—
10
mV
Note 6-10
TABLE 6-8:
100BASE-TX TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Note
Peak Differential Output Voltage
ANSI X3.263 clause 9.1.2.2
VOUT
±0.95
—
±1.05
V
Note 6-11
Signal Amplitude Symmetry
ANSI X3.263 clause 9.1.4
VSS
——
2
%
Note 6-11
Signal Rise and Fall Time
ANSI X3.263 clause 9.1.6
TRF
3—5
ns
Note 6-11
Rise and Fall Symmetry
ANSI X3.263 clause 9.1.6
TRFS
0—
0.5
ns
Note 6-11
Duty Cycle Distortion
ANSI X3.263 clause 9.1.8
DCD
——
±0.25
ns
Note 6-12
Overshoot and Undershoot
ANSI X3.263 clause 9.1.3
VOS
——
5
%
—
Output Jitter
ANSI X3.263 clause 9.1.9
——
0.7
1.4
ns
Note 6-13
Reference Voltage of ISET
(using 6.04kΩ - 1% resistor)
VSET
—0.61—
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com