Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 39 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 39 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 35Page - Numonyx B.V M58LR128KB Datasheet HTML 36Page - Numonyx B.V M58LR128KB Datasheet HTML 37Page - Numonyx B.V M58LR128KB Datasheet HTML 38Page - Numonyx B.V M58LR128KB Datasheet HTML 39Page - Numonyx B.V M58LR128KB Datasheet HTML 40Page - Numonyx B.V M58LR128KB Datasheet HTML 41Page - Numonyx B.V M58LR128KB Datasheet HTML 42Page - Numonyx B.V M58LR128KB Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Configuration Register
39/111
6.3
Wait polarity bit (CR10)
The wait polarity bit is used to set the polarity of the Wait signal used in synchronous burst
read mode. During synchronous burst read mode the Wait signal indicates whether the data
output are valid or a WAIT state must be inserted.
When the wait polarity bit is set to ‘0’ the Wait signal is active Low. When the wait polarity bit
is set to ‘1’ the Wait signal is active High.
6.4
Data output configuration bit (CR9)
The data output configuration bit configures the output to remain valid for either one or two
clock cycles during synchronous mode.
When the data output configuration bit is ’0’ the output data is valid for one clock cycle, and
when the data output configuration bit is ’1’ the output data is valid for two clock cycles.
The data output configuration bit must be configured using the following condition:
●
tK > tKQV + tQVK_CPU
where
●
tK is the clock period
●
tQVK_CPU is the data setup time required by the system CPU
●
tKQV is the clock to data valid time.
If this condition is not satisfied, the data output configuration bit should be set to ‘1’ (two
clock cycles). Refer to Figure 5: X latency and data output configuration example.
6.5
Wait configuration bit (CR8)
The wait configuration bit is used to control the timing of the Wait output pin, WAIT, in
synchronous burst read mode.
When WAIT is asserted, data is not valid and when WAIT is de-asserted, data is valid.
When the wait configuration bit is Low (set to ’0’) the Wait output pin is asserted during the
WAIT state. When the wait configuration bit is High (set to ’1’), the Wait output pin is
asserted one data cycle before the WAIT state.
6.6
Burst type bit (CR7)
The burst type bit determines the sequence of addresses read during synchronous burst
reads.
The burst type bit is High (set to ’1’), as the memory outputs from sequential addresses only.
See Table 13: Burst type definition for the sequence of addresses output from a given
starting address in sequential mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com