Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 54 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 54 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 50Page - Numonyx B.V M58LR128KB Datasheet HTML 51Page - Numonyx B.V M58LR128KB Datasheet HTML 52Page - Numonyx B.V M58LR128KB Datasheet HTML 53Page - Numonyx B.V M58LR128KB Datasheet HTML 54Page - Numonyx B.V M58LR128KB Datasheet HTML 55Page - Numonyx B.V M58LR128KB Datasheet HTML 56Page - Numonyx B.V M58LR128KB Datasheet HTML 57Page - Numonyx B.V M58LR128KB Datasheet HTML 58Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
Program and erase times and endurance cycles
M58LR128KT, M58LR128KB, M58LR256KT,
54/111
10
Program and erase times and endurance cycles
The program and erase times and the number of program/ erase cycles per block are shown
in Table 18. Exact erase times may change depending on the memory array condition. The
best case is when all the bits in the block are at ‘0’ (pre-programmed). The worst case is
when all the bits in the block are at ‘1’ (not preprogrammed). Usually, the system overhead is
negligible with respect to the erase time. In the M58LRxxxKT/B the maximum number of
program/erase cycles depends on the VPP voltage supply used.
Table 18.
Program/erase times and endurance cycles(1) (2)
Parameter
Condition
Min
Typ
Typical after
100kW/E
cycles
Max
Unit
Erase
Parameter block (16 Kword)
0.4
1
2.5
s
Main block (64
Kword)
Preprogrammed
1.2
3
4
s
Not preprogrammed
1.5
4
s
Program(3)
Single Word
Word program
12
180
µs
Buffer program
12
180
µs
Buffer (32 words) (buffer program)
384
µs
Main block (64 Kword)
768
ms
Suspend latency
Program
20
25
µs
Erase
20
25
µs
Program/erase cycles
(per block)
Main blocks
100 000
cycles
Parameter blocks
100 000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com