Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 79 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 79 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 75Page - Numonyx B.V M58LR128KB Datasheet HTML 76Page - Numonyx B.V M58LR128KB Datasheet HTML 77Page - Numonyx B.V M58LR128KB Datasheet HTML 78Page - Numonyx B.V M58LR128KB Datasheet HTML 79Page - Numonyx B.V M58LR128KB Datasheet HTML 80Page - Numonyx B.V M58LR128KB Datasheet HTML 81Page - Numonyx B.V M58LR128KB Datasheet HTML 82Page - Numonyx B.V M58LR128KB Datasheet HTML 83Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Block address tables
79/111
Table 38.
M58LR128KB - block addresses in main banks
Block number offset
Block base address offset
7
070000
6
060000
5
050000
4
040000
3
030000
2
020000
1
010000
0
000000
Table 39.
M58LR256KB - parameter bank block addresses
Block number
Size (Kwords)
Address range
18
64
0F0000-0FFFFF
17
64
0E0000-0EFFFF
16
64
0D0000-0DFFFF
15
64
0C0000-0CFFFF
14
64
0B0000-0BFFFF
13
64
0A0000-0AFFFF
12
64
090000-09FFFF
11
64
080000-08FFFF
10
64
070000-07FFFF
9
64
060000-06FFFF
8
64
050000-05FFFF
7
64
040000-04FFFF
6
64
030000-03FFFF
5
64
020000-02FFFF
4
64
010000-01FFFF
3
16
00C000-00FFFF
2
16
008000-00BFFF
1
16
004000-007FFF
0
16
000000-003FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com