Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 22 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 22 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 18Page - Numonyx B.V M58LR128KB Datasheet HTML 19Page - Numonyx B.V M58LR128KB Datasheet HTML 20Page - Numonyx B.V M58LR128KB Datasheet HTML 21Page - Numonyx B.V M58LR128KB Datasheet HTML 22Page - Numonyx B.V M58LR128KB Datasheet HTML 23Page - Numonyx B.V M58LR128KB Datasheet HTML 24Page - Numonyx B.V M58LR128KB Datasheet HTML 25Page - Numonyx B.V M58LR128KB Datasheet HTML 26Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
Command interface
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
22/111
4.7
Blank Check command
The Blank Check command checks whether a main array block has been completely
erased. Only one block at a time can be checked. To use the Blank Check command VPP
must be equal to VPPH. If VPP is not equal to VPPH, the device ignores the command and no
error is shown in the Status Register.
Two bus cycles are required to issue the Blank Check command:
●
The first bus cycle writes the Blank Check command (BCh) to any address in the block
to be checked.
●
The second bus cycle writes the Blank Check Confirm command (CBh) to any address
in the block to be checked and starts the blank check operation.
If the second bus cycle is not Blank Check Confirm, Status Register bits SR4 and SR5 are
set to '1' and the command aborts.
Once the command is issued, the addressed bank automatically enters the Status Register
mode and further reads within the bank output the Status Register contents.
The only operation permitted during blank check is Read Status Register. Dual operations
are not supported while a blank check operation is in progress. Blank check operations
cannot be suspended and are not allowed while the device is in program/erase suspend.
The SR7 Status Register bit indicates the status of the blank check operation in progress.
SR7 = '0' means that the Blank Check operation is still ongoing, and SR7 = '1' means that
the operation is complete.
The SR5 Status Register bit goes High (SR5 = '1') to indicate that the blank check operation
has failed.
At the end of the operation the bank remains in the read Status Register mode until another
command is written to the command interface.
See Appendix C, Figure 19: Blank check flowchart and pseudocode for a suggested
flowchart for using the Blank Check command.
Typical blank check times are given in Table 18: Program/erase times and endurance
cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com