Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 27 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 27 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 23Page - Numonyx B.V M58LR128KB Datasheet HTML 24Page - Numonyx B.V M58LR128KB Datasheet HTML 25Page - Numonyx B.V M58LR128KB Datasheet HTML 26Page - Numonyx B.V M58LR128KB Datasheet HTML 27Page - Numonyx B.V M58LR128KB Datasheet HTML 28Page - Numonyx B.V M58LR128KB Datasheet HTML 29Page - Numonyx B.V M58LR128KB Datasheet HTML 30Page - Numonyx B.V M58LR128KB Datasheet HTML 31Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Command interface
27/111
If a Program command is issued during a block erase suspend, the erase operation cannot
be resumed until the program operation has completed.
The Program/Erase Suspend command does not change the read mode of the banks. If the
suspended bank was in read Status Register, read electronic signature or read CFI query
mode, the bank remains in that mode and outputs the corresponding data.
Refer to Section 8: Dual operations and multiple bank architecture for detailed information
about simultaneous operations allowed during Program/Erase Suspend.
During a Program/Erase Suspend, the device can be placed in standby mode by taking Chip
Enable to VIH. Program/erase is aborted if Reset, RP, goes to VIL.
See Appendix C, Figure 21: Program suspend and resume flowchart and pseudocode, and
Figure 23: Erase suspend and resume flowchart and pseudocode for flowcharts for using
the Program/Erase Suspend command.
4.12
Program/Erase Resume command
The Program/Erase Resume command restarts the program or erase operation suspended
by the Program/Erase Suspend command. One bus write cycle is required to issue the
command. The command can be issued to any address.
The Program/Erase Resume command does not change the read mode of the banks. If the
suspended bank was in read Status Register, read electronic signature or read CFI query
mode the bank remains in that mode and outputs the corresponding data.
If a program command is issued during a block erase suspend, then the erase cannot be
resumed until the program operation has completed.
See Appendix C, Figure 21: Program suspend and resume flowchart and pseudocode, and
Figure 23: Erase suspend and resume flowchart and pseudocode for flowcharts for using
the Program/Erase Resume command.
4.13
Protection Register Program command
The Protection Register Program command programs the user OTP segments of the
Protection Register and the two Protection Register locks.
The device features 16 OTP segments of 128 bits and one OTP segment of 64 bits, as
shown in Figure 4: Protection Register memory map.
The segments are programmed one word at a time. When shipped all bits in the segment
are set to ‘1’. The user can only program the bits to ‘0’.
Two bus write cycles are required to issue the Protection Register Program command.
●
The first bus cycle sets up the Protection Register Program command.
●
The second latches the address and data to be programmed to the Protection Register
and starts the Program/Erase Controller.
Read operations to the bank being programmed output the Status Register content after the
program operation has started.
Attempting to program a previously protected Protection Register results in a Status
Register error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com