Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 72 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 72 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 68Page - Numonyx B.V M58LR128KB Datasheet HTML 69Page - Numonyx B.V M58LR128KB Datasheet HTML 70Page - Numonyx B.V M58LR128KB Datasheet HTML 71Page - Numonyx B.V M58LR128KB Datasheet HTML 72Page - Numonyx B.V M58LR128KB Datasheet HTML 73Page - Numonyx B.V M58LR128KB Datasheet HTML 74Page - Numonyx B.V M58LR128KB Datasheet HTML 75Page - Numonyx B.V M58LR128KB Datasheet HTML 76Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
DC and AC parameters
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
72/111
Figure 17.
Reset and power-up AC waveforms
AI06976
W,
RP
E, G,
VDD, VDDQ
tVDHPH
tPLPH
Power-Up
Reset
tPLWL
tPLEL
tPLGL
tPLLL
L
tPHWL
tPHEL
tPHGL
tPHLL
Table 28.
Reset and power-up AC characteristics
Symbol
Parameter
Test condition
M58LRxxxKT/B
Unit
tPLWL
tPLEL
tPLGL
tPLLL
Reset Low to Write Enable Low
Reset Low to Chip Enable Low,
Reset Low to Output Enable Low,
Reset Low to Latch Enable Low
During program
Min
25
µs
During erase
Min
25
µs
Other conditions
Min
80
ns
tPHWL
tPHEL
tPHGL
tPHLL
Reset High to Write Enable Low
Reset High to Chip Enable Low
Reset High to Output Enable Low
Reset High to Latch Enable Low
Min
30
ns
tPLPH
(1),(2)
RP pulse width
Min
50
ns
tVDHPH
(3)
Supply voltages High to Reset High
Min
300
µs
1.
The device Reset is possible but not guaranteed if tPLPH < 50 ns.
2.
Sampled only, not 100% tested.
3.
It is important to assert RP to allow proper CPU initialization during power-up or Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com