Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 12 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 12 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 8Page - Numonyx B.V M58LR128KB Datasheet HTML 9Page - Numonyx B.V M58LR128KB Datasheet HTML 10Page - Numonyx B.V M58LR128KB Datasheet HTML 11Page - Numonyx B.V M58LR128KB Datasheet HTML 12Page - Numonyx B.V M58LR128KB Datasheet HTML 13Page - Numonyx B.V M58LR128KB Datasheet HTML 14Page - Numonyx B.V M58LR128KB Datasheet HTML 15Page - Numonyx B.V M58LR128KB Datasheet HTML 16Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
Description
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
12/111
Figure 3.
M58LR256KT/B memory map
Table 3.
M58LR256KT/B bank architecture
Number
Bank size
Parameter blocks
Main blocks
Parameter bank
16 Mbits
4 blocks of 16 Kwords
15 blocks of 64 Kwords
Bank 1
16 Mbits
-
16 blocks of 64 Kwords
Bank 2
16 Mbits
-
16 blocks of 64 Kwords
Bank 3
16 Mbits
-
16 blocks of 64 Kwords
Bank 14
16 Mbits
-
16 blocks of 64 Kwords
Bank 15
16 Mbits
-
16 blocks of 64 Kwords
AI14013
M58LR256KT - Top Boot Block
Address lines A23-A0
16 Main
Blocks
Bank 15
M58LR256KB - Bottom Boot Block
Address lines A23-A0
64 Kword
000000h
00FFFFh
64 Kword
0F0000h
0FFFFFh
64 Kword
C00000h
C0FFFFh
64 Kword
CF0000h
CFFFFFh
64 Kword
D00000h
D0FFFFh
64 Kword
DF0000h
DFFFFFh
64 Kword
E00000h
E0FFFFh
64 Kword
EF0000h
EFFFFFh
64 Kword
F00000h
F0FFFFh
64 Kword
FE0000h
FEFFFFh
16 Kword
FF0000h
FF3FFFh
16 Kword
FFC000h
FFFFFFh
4 Parameter
Blocks
Parameter
Bank
Parameter
Bank
16 Kword
000000h
003FFFh
16 Kword
00C000h
00FFFFh
64 Kword
010000h
01FFFFh
64 Kword
0F0000h
0FFFFFh
64 Kword
100000h
10FFFFh
64 Kword
1F0000h
1FFFFFh
64 Kword
200000h
20FFFFh
64 Kword
2F0000h
2FFFFFh
64 Kword
300000h
30FFFFh
64 Kword
3F0000h
3FFFFFh
64 Kword
F00000h
F0FFFFh
64 Kword
FF0000h
FFFFFFh
Bank 3
Bank 2
Bank 1
Bank 15
Bank 3
Bank 2
Bank 1
16 Main
Blocks
16 Main
Blocks
16 Main
Blocks
15 Main
Blocks
4 Parameter
Blocks
15 Main
Blocks
16 Main
Blocks
16 Main
Blocks
16 Main
Blocks
16 Main
Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com