Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 49 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 49 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 45Page - Numonyx B.V M58LR128KB Datasheet HTML 46Page - Numonyx B.V M58LR128KB Datasheet HTML 47Page - Numonyx B.V M58LR128KB Datasheet HTML 48Page - Numonyx B.V M58LR128KB Datasheet HTML 49Page - Numonyx B.V M58LR128KB Datasheet HTML 50Page - Numonyx B.V M58LR128KB Datasheet HTML 51Page - Numonyx B.V M58LR128KB Datasheet HTML 52Page - Numonyx B.V M58LR128KB Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Dual operations and multiple bank ar-
49/111
8
Dual operations and multiple bank architecture
The multiple bank architecture of the M58LRxxxKT/B gives greater flexibility for software
developers to split the code and data spaces within the memory array. The dual operations
feature simplifies the software management of the device by allowing code to be executed
from one bank while another bank is being programmed or erased.
The dual operations feature means that while programming or erasing in one bank, read
operations are possible in another bank with zero latency (only one bank at a time is allowed
to be in program or erase mode).
If a read operation is required in a bank, which is programming or erasing, the program or
erase operation can be suspended.
In addition, if the suspended operation is erase then a program command can be issued to
another block. This means the device can have one block in erase suspend mode, one
programming, and other banks in read mode.
Bus read operations are allowed in another bank between setup and confirm cycles of
program or erase operations.
By using a combination of these features, read operations are possible at any moment in the
M58LRxxxKT/B device.
Dual operations between the parameter bank and either of the CFI, the OTP or the
electronic signature memory space are not allowed. Table 16 shows which dual operations
are allowed or not between the CFI, the OTP, the electronic signature locations and the
memory array.
Tables 14 and 15 show the dual operations possible in other banks and in the same bank.
Table 14.
Dual operations allowed in other banks
Status of bank
Commands allowed in another bank
Read
Array
Read
Status
Register
Read
CFI
Query
Read
Electronic
Signature
Program,
Buffer
Program
Block
Erase
Program
/Erase
Suspend
Program
/Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
Yes
Yes
Yes
Yes
–
–
Yes
–
Erasing
Yes
Yes
Yes
Yes
–
–
Yes
–
Program
suspended
Yes
Yes
Yes
Yes
–
–
–
Yes
Erase
suspended
Yes
Yes
Yes
Yes
Yes
–
–
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com