Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 15 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 15 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 11Page - Numonyx B.V M58LR128KB Datasheet HTML 12Page - Numonyx B.V M58LR128KB Datasheet HTML 13Page - Numonyx B.V M58LR128KB Datasheet HTML 14Page - Numonyx B.V M58LR128KB Datasheet HTML 15Page - Numonyx B.V M58LR128KB Datasheet HTML 16Page - Numonyx B.V M58LR128KB Datasheet HTML 17Page - Numonyx B.V M58LR128KB Datasheet HTML 18Page - Numonyx B.V M58LR128KB Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Signal descriptions
15/111
2.13
VPP program supply voltage
VPP is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin.
If VPP is kept in a low voltage range (0V to VDDQ) VPP is seen as a control input. In this case
a voltage lower than VPPLK provides absolute protection against program or erase, while
VPP in the VPP1 range enables these functions (see Tables 22 and 23, DC characteristics for
the relevant values). VPP is only sampled at the beginning of a program or erase. A change
in its value after the operation has started does not have any effect and program or erase
operations continue.
If VPP is in the range of VPPH it acts as a power supply pin. In this condition VPP must be
stable until the program/erase algorithm is completed.
2.14
VSS ground
VSS ground is the reference for the core supply. It must be connected to the system ground.
2.15
VSSQ ground
VSSQ ground is the reference for the input/output circuitry driven by VDDQ. VSSQ must be
connected to VSS
Note:
Each device in a system should have VDD, VDDQ and VPP decoupled with a 0.1 µF ceramic
capacitor close to the pin (high frequency, inherently low inductance capacitors should be as
close as possible to the package). See Figure 8: AC measurement load circuit. The PCB
track widths should be sufficient to carry the required VPP program and erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com