Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 73 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 73 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 69Page - Numonyx B.V M58LR128KB Datasheet HTML 70Page - Numonyx B.V M58LR128KB Datasheet HTML 71Page - Numonyx B.V M58LR128KB Datasheet HTML 72Page - Numonyx B.V M58LR128KB Datasheet HTML 73Page - Numonyx B.V M58LR128KB Datasheet HTML 74Page - Numonyx B.V M58LR128KB Datasheet HTML 75Page - Numonyx B.V M58LR128KB Datasheet HTML 76Page - Numonyx B.V M58LR128KB Datasheet HTML 77Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Part numbering
73/111
13
Part numbering
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact the Numonyx sales office nearest to you.
Table 29.
Ordering information scheme
Example:
M58LR128KT
70
5
Device type
M58
Architecture
L = multilevel, multiple bank, burst mode
Operating voltage
R = VDD = 1.7 V to 2.0 V, VDDQ = 1.7 V to 2.0 V
Density
128 = 128 Mbit (x16)
256 = 256 Mbit (x16)
Technology
K = 65 nm technology
Parameter location
T = top boot
B = bottom boot
Speed
70 = 70 ns
85 = 85 ns
Package
Not packaged separately(1)
1.
The M58LRxxxKT/B are only available as part of a multichip package.
Temperature range
5 = –25 to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com