Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 23 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 23 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 19Page - Numonyx B.V M58LR128KB Datasheet HTML 20Page - Numonyx B.V M58LR128KB Datasheet HTML 21Page - Numonyx B.V M58LR128KB Datasheet HTML 22Page - Numonyx B.V M58LR128KB Datasheet HTML 23Page - Numonyx B.V M58LR128KB Datasheet HTML 24Page - Numonyx B.V M58LR128KB Datasheet HTML 25Page - Numonyx B.V M58LR128KB Datasheet HTML 26Page - Numonyx B.V M58LR128KB Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Command interface
23/111
4.8
Program command
The Program command programs a single word to the memory array.
If the block being programmed is protected, then the program operation aborts, the data in
the block does not change and the Status Register outputs the error.
Two bus write cycles are required to issue the Program command:
●
The first bus cycle sets up the Program command.
●
The second latches the address and data to be programmed and starts the
Program/Erase Controller.
Once the programming has started, read operations in the bank being programmed output
the Status Register content.
During a program operation, the bank containing the word being programmed only accepts
the Read Array, Read Status Register, Read Electronic Signature, Read CFI Query and the
Program/Erase Suspend commands; all other commands are ignored. A Read Array
command is required to return the bank to read array mode.
Refer to Section 8: Dual operations and multiple bank architecture for detailed information
about simultaneous operations allowed in banks not being programmed.
Typical program times are given in Table 18: Program/erase times and endurance cycles.
The program operation aborts if Reset, RP, goes to VIL. As data integrity cannot be
guaranteed when the program operation is aborted, the word must be reprogrammed.
See Appendix C, Figure 18: Program flowchart and pseudocode for the flowchart for using
the Program command.
4.9
Buffer Program command
The Buffer Program Command uses the device’s 32-word write buffer to speed up
programming. Up to 32 words can be loaded into the write buffer. The Buffer Program
command dramatically reduces in-system programming time compared to the standard non-
buffered Program command.
Four successive steps are required to issue the Buffer Program command:
1.
The first bus write cycle sets up the Buffer Program command. The setup code can be
addressed to any location within the targeted block.
After the first bus write cycle, read operations in the bank output the contents of the Status
Register. Status Register bit SR7 should be read to check that the buffer is available
(SR7 = 1). If the buffer is not available (SR7 = 0), re-issue the Buffer Program command to
update the Status Register contents.
2.
The second bus write cycle sets up the number of words to be programmed. Value n is
written to the same block address, where n+1 is the number of words to be
programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com