Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB Datasheet(PDF) 26 Page - Numonyx B.V

Part # M58LR128KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB Datasheet(HTML) 26 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 22Page - Numonyx B.V M58LR128KB Datasheet HTML 23Page - Numonyx B.V M58LR128KB Datasheet HTML 24Page - Numonyx B.V M58LR128KB Datasheet HTML 25Page - Numonyx B.V M58LR128KB Datasheet HTML 26Page - Numonyx B.V M58LR128KB Datasheet HTML 27Page - Numonyx B.V M58LR128KB Datasheet HTML 28Page - Numonyx B.V M58LR128KB Datasheet HTML 29Page - Numonyx B.V M58LR128KB Datasheet HTML 30Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 110 page
background image
Command interface
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
26/111
4.10.3
Exit phase
Status Register P/EC bit SR7 set to ‘1’ indicates that the device has exited the buffer
enhanced factory program operation and returned to read Status Register mode. A full
Status Register check should be done to ensure that the block has been successfully
programmed. See Section 5: Status Register for more details.
For optimum performance the Buffer Enhanced Factory Program command should be
limited to a maximum of 100 program/erase cycles per block. If this limit is exceeded the
internal algorithm continues to work properly but some degradation in performance is
possible. Typical program times are given in Table 18.
See Appendix C, Figure 26: Buffer enhanced factory program flowchart and pseudocode for
a suggested flowchart on using the Buffer Enhanced Factory Program command.
4.11
Program/Erase Suspend command
The Program/Erase Suspend command pauses a program or block erase operation. The
command can be addressed to any bank.
The Program/Erase Resume command is required to restart the suspended operation.
One bus write cycle is required to issue the Program/Erase Suspend command. Once the
Program/Erase Controller has paused bits SR7, SR6 and/ or SR2 of the Status Register are
set to ‘1’.
The following commands are accepted during Program/Erase Suspend:
–
Program/Erase Resume
–
Read Array (data from erase-suspended block or program-suspended word is not
valid)
–
Read Status Register
–
Read Electronic Signature
–
Read CFI Query
–
Clear Status Register
Additionally, if the suspended operation was a block erase then the following commands are
also accepted:
–
Set Configuration Register
–
Program (except in erase-suspended block)
–
Buffer Program (except in erase suspended blocks)
–
Block Lock
–
Block Lock-Down
–
Block Unlock.
During an erase suspend the block being erased can be protected by issuing the Block Lock
or Block Lock-Down commands. When the Program/Erase Resume command is issued the
operation completes.
It is possible to accumulate multiple suspend operations. For example,it is possible to
suspend an erase operation, start a program operation, suspend the program operation,
and then read the array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com