Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 8 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 8 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 4Page - Intel Corporation CE6313 Datasheet HTML 5Page - Intel Corporation CE6313 Datasheet HTML 6Page - Intel Corporation CE6313 Datasheet HTML 7Page - Intel Corporation CE6313 Datasheet HTML 8Page - Intel Corporation CE6313 Datasheet HTML 9Page - Intel Corporation CE6313 Datasheet HTML 10Page - Intel Corporation CE6313 Datasheet HTML 11Page - Intel Corporation CE6313 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CE6313
Data Sheet
8
Intel Corporation
2.0
Functional Overview
2.1
Introduction
CE6313 is a single-chip variable rate digital QPSK/BPSK satellite demodulator and channel decoder. The CE6313
accepts base-band in-phase and quadrature analogue signals and delivers an MPEG or DSS packet data stream.
Digital filtering in CE6313 removes the need for programmable external anti-alias filtering for all symbol rates from
1 - 45 MSps. Frequency, timing and carrier phase recovery are all digital and the only feed-back to the analogue
front-end is for automatic gain control. The digital phase recovery loop enables very fine bandwidth control that is
needed to overcome performance degradation due to phase and thermal noise.
All acquisition algorithms are built into the CE6313 controller. The CE6313 can be operated in a Command Driven
Control (CDC) mode by specifying the symbol rate and Viterbi code rate. There is also a provision for a search for
unknown symbol rates and Viterbi code rates.
2.2
Analogue-to-Digital Converter
The A/D converters sample single-ended or differential analogue inputs and consist of a dual ADC and circuitry to
provide improved SiNaD (Signal-Noise and Distortion) and channel matching.
The fixed rate sampling clock is provided on-chip using a programmable PLL needing only a low cost 10 to 16 MHz
crystal. Different crystal frequencies can be combined with different PLL ratios, depending on the maximum symbol
rate, allowing a very flexible approach to clock generation. An external clock signal in the range 4 to 16 MHz can
also be used as the master clock.
2.3
QPSK Demodulator
The demodulator in the CE6313 consists of signal amplitude offset compensation, frequency offset compensation,
decimation filtering, carrier recovery, symbol recovery and matched filtering. The decimation filters give continuous
operation from 2 Mbps to 90 Mbps allowing one receiver to cover the needs of the consumer market as well as the
single carrier per channel (SCPC) market with the same components without compromising performance, that is,
the channel reception is within 0.5 dB from theory. For a given symbol rate, control algorithms on the chip detect the
number of decimation stages needed and switch them in automatically.
The frequency offset compensation circuitry is capable of tracking out up to ±22.5 MHz frequency offset. This
allows the system to cope with relatively large frequency uncertainties introduced by the Low Noise Block (LNB).
Full control of the LNB is provided by the DiSEqC outputs from the CE6313. Horizontal/vertical polarization and an
instruction modulated 22 kHz signal are available under register control. All DiSEqC functions are implemented on
the CE6313. An internal state machine that handles all the demodulator functions controls the signal tracking and
acquisition. Various preset modes are available as well as blind acquisition where the receiver has no prior
knowledge of the received signal. Fast acquisition algorithms have been provided for low symbol rate applications.
Full interactive control of the acquisition function is possible for debug purposes. In the event of a signal fade or a
cycle slip, the QPSK demodulator allows sufficient time for the FEC to reacquire lock, for example, via a phase
rotation in the Viterbi decoder. This is to minimize the loss of signal due to the signal fade. Only if the FEC fails to
re-acquire lock for a long period (which is programmable) the QPSK will try to re-acquire the signal.
The matched filter is a root-raised-cosine filter with either 0.20 or 0.35 roll-off, compliant with DSS and DVB
standards. Although not a part of the DVB standard, CE6313 allows a roll-off of 0.20 to be used with other DVB
parameters. An AGC signal is provided to control the signal levels in the tuner section of the receiver and ensure
the signal level fed to the CE6313 is set at an optimal value under all reception conditions.
The CE6313 provides comprehensive information on the input signal and the state of the various parts of the
device. This information includes signal to noise ratio (SNR), signal level, AGC lock, timing and carrier lock signals.
A maskable interrupt output is available to inform the host controller when events occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com