Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 11 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 11 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 7Page - Intel Corporation CE6313 Datasheet HTML 8Page - Intel Corporation CE6313 Datasheet HTML 9Page - Intel Corporation CE6313 Datasheet HTML 10Page - Intel Corporation CE6313 Datasheet HTML 11Page - Intel Corporation CE6313 Datasheet HTML 12Page - Intel Corporation CE6313 Datasheet HTML 13Page - Intel Corporation CE6313 Datasheet HTML 14Page - Intel Corporation CE6313 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
CE6313
Data Sheet
11
Intel Corporation
Figure 7 - Viterbi Error Count Coarse Indication
2.4.2
The Frame Alignment Block
The frame alignment algorithm detects a sequence of correctly spaced synchronizing bytes in the Viterbi decoded
bit-stream and arranges the input into blocks of data bytes. Each block consists of 204 bytes for DVB and 147 bytes
for DSS. In the DSS mode, the synchronizing byte is removed from the data stream, so only 146 bytes of a block
are passed to the next stage. The frame alignment block also removes the 180° phase ambiguity not removed by
the Viterbi decoder.
2.4.3
The De-Interleaver Block
2.4.3.1
DVB
Before transmission, the data bytes are interleaved with each other in a cyclic pattern of twelve. This ensures the
bytes are spaced out to avoid the possibility of a noise spike corrupting a group of consecutive message bytes.
Figure 8 below shows conceptually how the convolutional de-interleaving system works. The synchronization byte
is always loaded into the First-In-First-Out (FIFO) memory in branch 0. The switch is operated at regular byte
intervals to insert successively received bytes into successive branches. After 12 bytes have been received,
byte 13 is written next to the synchronization byte in branch 0, etc. In the CE6313, this de-interleaving function is
realized using on-chip Random Access Memory (RAM).
VIT_MAXERR[3:0]
Data Bits
Status
VITERBI
Coarse
Bit
Error
Count
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com