Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 1 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 1 Page - Intel Corporation

  CE6313 Datasheet HTML 1Page - Intel Corporation CE6313 Datasheet HTML 2Page - Intel Corporation CE6313 Datasheet HTML 3Page - Intel Corporation CE6313 Datasheet HTML 4Page - Intel Corporation CE6313 Datasheet HTML 5Page - Intel Corporation CE6313 Datasheet HTML 6Page - Intel Corporation CE6313 Datasheet HTML 7Page - Intel Corporation CE6313 Datasheet HTML 8Page - Intel Corporation CE6313 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Intel Corporation
D55751-001
Intel and the Intel logo are registered trademarks of Intel Corporation or its subsidiaries in the United States and other countries.
*Other names and brands may be claimed as the property of others.
Copyright © 2006 Intel Corporation. All rights reserved.
Features
• Conforms to EBU specification for DVB-S and
DirecTV specification for DSS
• On-chip digital filtering supports 1 - 45 MSps
symbol rates
• On-chip 60 or 90 MHz dual-ADC
• High speed scanning mode for blind symbol
rate/code rate acquisition
• Automatic spectral inversion resolution
• High level software interface for minimum
development time
• Up to ±22.5 MHz LNB frequency tracking
• DiSEqC™ v2.2: receive/transmit for full control of
LNB, dish and other components
• Compact 64-pin LQFP package (7 x 7 mm)
• A full DVB-S front-end reference design is
available, ref. CE9541
Applications
• DVB 1 - 45 MSps compliant satellite receivers
• DSS 20 MSps compliant satellite receivers
• SMATV (Single Master Antenna TV) trans-
modulators
• Satellite PC applications
Description
The
CE6313
is
a
QPSK/BPSK
1 - 45 MSps
demodulator and channel decoder for digital satellite
television transmissions to the European Broadcast
Union ETS 300 421 specification. It receives analogue
I and Q signals from the tuner, digitises and digitally
demodulates this signal, implements the complete
DVB/DSS FEC (Forward Error Correction) and de-
scrambling function. The output is in the form of
MPEG2 or DSS transport stream data packets. The
CE6313 also provides automatic gain control to the RF
front-end device.
The CE6313 has a serial 2-wire bus interface to the
control microprocessor. Minimal software is required to
control the CE6313 because of the built in automatic
search and decode control functions.
May 2006
Ordering Information
DJCE6313 882131
64 Pin LQFP Trays
WJCE6313 882207
64 Pin LQFP* Trays
*Pb Free Matte Tin
0
°C to +70°C
CE6313
DVB-S Satellite Demodulator
Data Sheet
Figure 1 - Functional Block Diagram
I I/P
Q I/P
Dual ADC
De-rotator
Decimation
Filtering
Timing recovery
Matched filter
Phase recovery
MPEG/
DSS
Packets
Bus I/O
2-Wire Bus
Interface
Acquisition
Control
Clock Generation
Analog
AGC
Control
DVB
DSS
FEC


Similar Part No. - CE6313

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CE6353 INTEL-CE6353 Datasheet
478Kb / 26P
Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
More results

Similar Description - CE6313

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10313 ZARLINK-ZL10313 Datasheet
450Kb / 26P
Satellite Demodulator
ZL10312 ZARLINK-ZL10312 Datasheet
340Kb / 15P
Satellite Demodulator
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
SATELLITE RECEIVER FOR DVB-S/DSS
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
DVB-T Demodulator
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
DVB-S Satellite Tuner with RF bypass
PS20039 ETC2-PS20039 Datasheet
1Mb / 32P
DVB-S Satellite Tuner with RF bypass
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
DVB-S Satellite Demodulator
logo
Silicon Laboratories
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
DVB-S/S2 Satellite TV Demodulator
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
DVB-S/S2 Satellite TV Demodulator
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
DVB-S/S2 Satellite TV Demodulator
November 17, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com