Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 9 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 9 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 5Page - Intel Corporation CE6313 Datasheet HTML 6Page - Intel Corporation CE6313 Datasheet HTML 7Page - Intel Corporation CE6313 Datasheet HTML 8Page - Intel Corporation CE6313 Datasheet HTML 9Page - Intel Corporation CE6313 Datasheet HTML 10Page - Intel Corporation CE6313 Datasheet HTML 11Page - Intel Corporation CE6313 Datasheet HTML 12Page - Intel Corporation CE6313 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CE6313
Data Sheet
9
Intel Corporation
2.4
Forward Error Correction
The CE6313 contains FEC blocks to enable error correction for DVB-S and DSS transmissions. The Viterbi
decoder block can decode the convolutional code with rates 1/2, 2/3, 3/4, 5/6, 6/7 or 7/8. The block features
automatic synchronization, automatic spectral inversion resolution and automatic code rate detection. The trace
back depth of 128 provides better performance at high code rates and the built-in synchronization algorithm allows
the Viterbi decoder to lock onto signals with very poor signal-to-noise ratios. A Viterbi bit error rate monitor provides
an indication of the error rate at the QPSK output.
The 24-bit error count register in the Viterbi decoder allows the bit error rate at the output of the QPSK demodulator
to be monitored. The 24-bit bit error count register in the Reed-Solomon decoder allows the Viterbi output bit error
rate to be monitored. The 16-bit uncorrectable packet counter yields information about the output packet error rate.
These three monitors and the QPSK SNR register allow the performance of the device and its individual
components, such as the QPSK demodulator and the Viterbi decoder, to be monitored extensively by the external
microprocessor. The frame/byte align block features a sophisticated synchronization algorithm to ensure reliable
recovery of DVB and DSS framed data streams under worst case signal conditions. The de-interleaver uses on-
chip RAM and is compatible with the DVB and DSS algorithms. The Reed-Solomon decoder is a truncated version
of the (255, 239) code. The code block size is 204 for DVB and 146 for DSS. The decoder provides a count of the
number of uncorrectable blocks as well as the number of bit errors corrected. The latter gives an indication of the bit
error rate at the output of the Viterbi decoder. In DVB mode, spectrum de-scrambling is performed compatible with
the DVB specification. The final output is a parallel or serial transport data stream, packet sync, data clock and a
block error signal. The data clock may be inverted under software control.
2.4.1
Viterbi Error Count Measurement
A method of estimating the bit error rate at the output of the QPSK block has been provided in the Viterbi decoder.
The incoming data bit stream is delayed and compared with the re-encoded and punctured version of the decoded
bit stream to obtain a count of errors, see Figure 5. The measurement system has a programmable register to
determine the number of data bits (the error count period) over which the count is being recorded. A read register
indicates the error count result and an interrupt can be generated to inform the host microprocessor that a new
count is available.
The VIT_ERRPER_register is programmed with the required number of data bits (the error count period)
(VIT_ERRPER[7:0]). The count of errors found during this period is loaded by the CE6313 into the
VIT_ERRCNT_H-M-L trio of registers when the bit count VIT_ERRPER[7:0] is reached. At the same time an
interrupt is generated on the IRQ line. Setting the IE_FEC[2] bit in the IE_FEC register enables the interrupt.
Reading the register does not clear VIT_ERRCNT [23:0], it is only loaded with the error count.
Figure 5 - Viterbi Block Diagram
Data Bit Stream
Error Count
Comp
Viterbi
Encoder
Delay
Viterbi
Decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com