Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 20 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 20 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 16Page - Intel Corporation CE6313 Datasheet HTML 17Page - Intel Corporation CE6313 Datasheet HTML 18Page - Intel Corporation CE6313 Datasheet HTML 19Page - Intel Corporation CE6313 Datasheet HTML 20Page - Intel Corporation CE6313 Datasheet HTML 21Page - Intel Corporation CE6313 Datasheet HTML 22Page - Intel Corporation CE6313 Datasheet HTML 23Page - Intel Corporation CE6313 Datasheet HTML 24Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
CE6313
Data Sheet
20
Intel Corporation
Nominal load capacitance 30 pF.
Equivalent series resistance <75
Ω
Figure 15 - Crystal Oscillator Circuit
Note: The crystal frequency should be chosen to ensure that the system clock would marginally exceed the
maximum symbol rate required, e.g. 10.111 MHz with a multiplier of x9 will give a 91 MHz system clock to
guarantee 45 MSps operation.
4.5
Electrical Characteristics
Conditions (unless specified otherwise):Tamb = 25°C
CVdd = 1.8 V
Vdd = 3.3 V
DC Electrical Characteristics
Parameter
Conditions/Pin
Symbol
Min.
Typ.
Max.
Unit
Core voltage
CVdd
1.71
1.8
1.89
V
Peripheral voltage
Vdd
3.13
3.3
3.47
V
Core current
45 MSps CR 7/8 91 MHz system clock
CIdd
165
mA
Peripheral current
Idd
7
mA
Total power
(91 MHz system
clock)
Ptot1
320
mW
Total power (stand-
by)
ADCs powered down. MPEG outputs
tri-stated
Ptot2 1
2.2
mW
Total power (sleep)
Pin 9 = logic ‘1’ ADCs powered down
Ptot3 1
0.35
mW
Output low level
2, 6 or 12 mA per output (see section
4.6, CE6313 Pinout Description)
Vol
0.4
V
Output high level
2, 6 or 12 mA per output
Voh
2.4
V
Output leakage
Tri-state when off or open-drain when
high
±1
µA
Output capacitance
All outputs except XTO, CLK1 & open-
drain types. Excludes packaging
contribution (~0.35 pF)
2.7
pF
Open-drain outputs.
Excludes packaging
contribution (~0.35 pF)
3.3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com