Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 22 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 22 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 16Page - Intel Corporation CE6313 Datasheet HTML 17Page - Intel Corporation CE6313 Datasheet HTML 18Page - Intel Corporation CE6313 Datasheet HTML 19Page - Intel Corporation CE6313 Datasheet HTML 20Page - Intel Corporation CE6313 Datasheet HTML 21Page - Intel Corporation CE6313 Datasheet HTML 22Page - Intel Corporation CE6313 Datasheet HTML 23Page - Intel Corporation CE6313 Datasheet HTML 24Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
CE6313
Data Sheet
22
Intel Corporation
9
Sleep
Stops oscillator and sets minimum power levels to
entire device (except ADCs - register controlled
power-down)
ICMOS
3.3
10
CLK1
Primary 2-wire serial bus clock
I
CMOS1
5
11
DATA1
Primary 2-wire serial bus data
I/O
Open
drain1
56
14
DATA2
Secondary 2-wire bus data to tuner front end. Also
usable as GPP1 (general purpose port pin) for other
purposes.
I/O
Open
drain1
56
15
CLK2
Secondary 2-wire bus clock to tuner front end. Also
usable as GPP0 (general purpose port pin) for other
purposes.
I/O
Open
drain1
56
16
OscMode
Controls oscillator mode to suit crystal or external
signal
I
CMOS
3.3
19
XTI
Crystal input or external reference clock input
I
CMOS
1.8
20
XTO
Crystal output, includes internal feedback resistor to
XTI
I/O
CMOS
1.8
24
Iin
I channel input
I
analog
25
Iin
I channel negative input
I
analog
29
Qin
Q channel negative input
I
analog
30
Qin
Q channel input
I
analog
35,36,37
38
ADDR[1:4]
Primary 2-wire bus address defining pins
I
CMOS
3.3
41
AGC
AGC sigma-delta output (acts as input only in
production test modes)
I/O
Open
drain1
56
42
Test
For normal operation, this pin must be held at 0 V.
I
CMOS
3.3
43
IRQ
Active low interrupt output. Reading all active
interrupt registers resets this pin. Can also be defined
as MICLK - external clock input for MPEG data
I/O
Open
drain1
56
46
MOSTRT
MPEG output start signal. High during the first byte of
a packet.
OCMOS
Tri-state
3.3
2
47
MOVAL
MPEG data output valid. High during the MOCLK
cycles when valid data bytes are being output.
OCMOS
Tri-state
3.3
2
48,49,52
,53,56,
57,60,61
MDO[0:7]
MPEG transport packet data output bus. Can be tri-
stated under control of a register bit.
OCMOS
Tri-state
3.3
2
62
MOCLK
MPEG clock output at the data byte rate.
O
CMOS
Tri-state
3.3
12
Pin Description Table (continued)
Pin
Name
Description
I/O
Note
V
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com