Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 23 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 23 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 16Page - Intel Corporation CE6313 Datasheet HTML 17Page - Intel Corporation CE6313 Datasheet HTML 18Page - Intel Corporation CE6313 Datasheet HTML 19Page - Intel Corporation CE6313 Datasheet HTML 20Page - Intel Corporation CE6313 Datasheet HTML 21Page - Intel Corporation CE6313 Datasheet HTML 22Page - Intel Corporation CE6313 Datasheet HTML 23Page - Intel Corporation CE6313 Datasheet HTML 24Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
CE6313
Data Sheet
23
Intel Corporation
Note 1: 5 V tolerant pins with thresholds related to 3.3 V.
4.7
Alphabetical Listing of Pin-Out
63
BKERR
Active low uncorrectable block indicator or no-signal
indicator. Mode selected by ERR_IND bit (#7) of the
MON_CTRL register. Can also be inverted.
OCMOS
Tri-state
3.3
2
64
STATUS
Status output. Register defined function including
audio frequency proportional to BER (acts as input
only in production test modes)
I/O
CMOS
3.3
2
5, 39, 55
Vdd
Peripheral supply pins. All pins must be connected.
3.3
27
Vdd
Peripheral supply pin used for the ADC.
3.3
7, 12,
44, 50,
59
CVdd
Core supply pins. All pins must be connected.
1.8
17, 22,
32, 34
CVdd
PLL/ADC supply pins. All pins must be connected.
1.8
6, 8, 13,
40, 45
51, 54,
58
Gnd
Ground supply pins. All pins must be connected.
0
18, 21,
23 26,
28, 31,
33
Gnd
PLL/ADC ground supply pins. All pins must be
connected.
0
Pin-out - alphabetical list
Name
No.
Name
No.
Name
No.
Name
No.
Addr[1]
35
CVdd
59
Gnd
40
MOCLK
62
Addr[2]
36
DATA1
11
Gnd
45
MOSTRT
46
Addr[3]
37
DATA2
14
Gnd
51
MOVAL
47
Addr[4]
38
DiSEqC[0]
4
Gnd
54
OscMode
16
AGC
41
DiSEqC[1]
3
Gnd
58
Qin
29
BKERR
63
DiSEqC[2]
2
Iin
24
Qin
30
CLK1
10
Gnd
6
Iin
25
Reset
1
CLK2
15
Gnd
8
IRQ
43
Sleep
9
CVdd
7
Gnd
13
MDO[0]
48
Status
64
CVdd
12
Gnd
18
MDO[1]
49
Test
42
CVdd
17
Gnd
21
MDO[2]
52
Vdd
5
CVdd
22
Gnd
23
MDO[3]
53
Vdd
27
CVdd
32
Gnd
26
MDO[4]
56
Vdd
39
Pin Description Table (continued)
Pin
Name
Description
I/O
Note
V
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com