Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 19 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 19 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 15Page - Intel Corporation CE6313 Datasheet HTML 16Page - Intel Corporation CE6313 Datasheet HTML 17Page - Intel Corporation CE6313 Datasheet HTML 18Page - Intel Corporation CE6313 Datasheet HTML 19Page - Intel Corporation CE6313 Datasheet HTML 20Page - Intel Corporation CE6313 Datasheet HTML 21Page - Intel Corporation CE6313 Datasheet HTML 22Page - Intel Corporation CE6313 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
CE6313
Data Sheet
19
Intel Corporation
4.3
Primary 2-Wire Bus Timing
Figure 14 - Primary 2-Wire Bus Timing
Where: S = Start
Sr = Restart, i.e., Start without stopping first.
P = Stop
4.4
Crystal Specification
Parallel resonant fundamental frequency (preferred) 9.99 to 16.01 MHz.
Tolerance over operating temperature range ±25 ppm.
Tolerance overall ±50 ppm.
Table 1 - Primary 2-wire bus timing
Parameter: Primary 2-wire bus only
Symbol
Value
Unit
Min.
Max.
CLK1 clock frequency (for XTI
≥10MHz)
fCLK
0
400
kHz
Bus free time between a STOP and START condition
tBUF
1300
ns
Hold time (repeated) START condition
tHD;STA
600
ns
LOW period of CLK1 clock
tLOW
1300
ns
HIGH period of CLK1 clock
tHIGH
600
ns
Set-up time for a repeated START condition
tSU;STA
600
ns
Data hold time (when input)
tHD;DAT
0ns
Data set-up time
tSU;DAT
100
ns
Rise time of both CLK1 and DATA1 signals
tR
20+0.1Cb1
1. Cb = the total capacitance on either clock or data line in pF.
3002
2. The rise time depends on the external bus pull up resistor and bus capacitance.
ns
Fall time of both CLK1 and DATA1 signals, (100pF to ground)
tF
20+0.1Cb1
300
ns
Set-up time for a STOP condition
tSU;STO
600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com