Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 5 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 5 Page - Intel Corporation

  CE6313 Datasheet HTML 1Page - Intel Corporation CE6313 Datasheet HTML 2Page - Intel Corporation CE6313 Datasheet HTML 3Page - Intel Corporation CE6313 Datasheet HTML 4Page - Intel Corporation CE6313 Datasheet HTML 5Page - Intel Corporation CE6313 Datasheet HTML 6Page - Intel Corporation CE6313 Datasheet HTML 7Page - Intel Corporation CE6313 Datasheet HTML 8Page - Intel Corporation CE6313 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CE6313
Data Sheet
5
Intel Corporation
Overview
The CE6313 is a QPSK/BPSK 1 - 45 MSps demodulator and channel decoder for digital satellite television
transmissions compliant to both DVB-S and DSS standards and other systems, such as LMDS, that use the same
architecture.
A Command Driven Control (CDC) system is provided making the CE6313 very simple to program. After the tuner
has been programmed to the required frequency to acquire a DVB transmission, the CE6313 requires a minimum
of five registers to be written.
The CE6313 provides a monitor of bit error rate after the QPSK module and also after the Viterbi module. For
receiver installation, a high speed scan or 'blind search' mode is available. This allows all signals from a given
satellite to be evaluated for frequency, symbol rate and convolutional coding scheme. The phase of the IQ signals
can be automatically determined.
Full DiSEqC is provided for both writing and reading DiSEqC messages. Storage in registers for up to eight data
bytes sent and eight data bytes received is provided.
Figure 3 - CE6313 Functional Block Diagram
I I/P
Q I/P
Dual ADC
De-rotator
Decimation
Filtering
Timing recovery
Matched filter
Phase recovery
MPEG/
DSS
Packets
Bus I/O
2-wire Bus
Interface
Acquisition
Control
Clock Generation
Analog
AGC
Control
DVB
DSS
FEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com