Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 13 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 13 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 9Page - Intel Corporation CE6313 Datasheet HTML 10Page - Intel Corporation CE6313 Datasheet HTML 11Page - Intel Corporation CE6313 Datasheet HTML 12Page - Intel Corporation CE6313 Datasheet HTML 13Page - Intel Corporation CE6313 Datasheet HTML 14Page - Intel Corporation CE6313 Datasheet HTML 15Page - Intel Corporation CE6313 Datasheet HTML 16Page - Intel Corporation CE6313 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CE6313
Data Sheet
13
Intel Corporation
2.4.4
The Reed-Solomon Decoder Block
DVB and DSS data are encoded using shortened versions of the Reed-Solomon code of block length 255,
containing 239 message bytes and 16 check bytes, that is (255,239) with T = 8. Both encoders use the same
generator polynomial. The code block size for DVB is 204 and that for DSS is 146. Hence DVB code is (204, 188)
and DSS code is (146, 130), with both having T = 8. The block structure of the DVB and DSS Reed-Solomon codes
are as shown in Figure 10 and Figure 11 below.
The Reed-Solomon decoder can correct up to eight byte errors per packet. If there are more than eight bytes
containing errors, the packet is flagged as uncorrectable using the BKERR pin 63. In the case of DVB the Transport
Error Indicator (TEI) bit of the MPEG packet is set to 1, if setting of TEI is enabled.
Figure 10 - DVB Block Structure
Figure 11 - DVB Energy Dispersal Conceptual Diagram
Sync byte
187 bytes
16 check bytes
Reed-Solomon encoded block
Sync byte
187 bytes
MPEG transport packet
130 bytes
16 check bytes
Reed-Solomon encoded block
130 bytes
DSS transport packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com