Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 21 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 21 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 16Page - Intel Corporation CE6313 Datasheet HTML 17Page - Intel Corporation CE6313 Datasheet HTML 18Page - Intel Corporation CE6313 Datasheet HTML 19Page - Intel Corporation CE6313 Datasheet HTML 20Page - Intel Corporation CE6313 Datasheet HTML 21Page - Intel Corporation CE6313 Datasheet HTML 22Page - Intel Corporation CE6313 Datasheet HTML 23Page - Intel Corporation CE6313 Datasheet HTML 24Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
CE6313
Data Sheet
21
Intel Corporation
4.6
CE6313 Pinout Description
Input low level
Vil
0.8
V
Input high level
Vih
2.0
V
Input leakage
Vin = 0 or Vdd
±1
µA
Input capacitance
Excludes packaging contribution
(~0.35 pF)
1.5
pF
1. For minimum power, MPEG outputs should be tristated and ADCs powered down.
AC Electrical Characteristics
Parameter
Conditions/Pin
Min.
Typ.
Max.
Unit
ADC Full-scale input single range
(single-ended or differential)
Differential source is
recommended
0.5
1.0
Vpp
ADC analog input resistance
Per input pin
10
k
Ω
ADC analog input capacitance
Per input pin
2
pF
ADC input common mode voltage level
0.7
1.7
V
System clock frequency
30.00
100
MHz
Input clock frequency (note 1 and 2)
1. When not using a crystal, XTI may be driven from an external source over the frequency range shown.
2. The upper limit is set by DiSEqC requirements. If DiSEqC is not required, then external frequencies up to 27.00 MHz can be used.
3.99
22.66
MHz
Crystal oscillator frequency
See Section 4.4 for details
9.99
16.01
MHz
CLK1 clock frequency 3
(with 10 MHz xtal or above)
3. The maximum serial clock speed on the primary 2-wire bus is related to the input clock frequency and is limited to 100 kHz with a
4.0 MHz clock.
400
kHz
MPEG clock input frequency
On either pin #2 or pin #43
note 4
4. Must be calculated from the data input rate.
65 5
5. Also subject to system clock limitations.
MHz
Pin Description Table
Pin
Name
Description
I/O
Note
V
mA
1Reset
Active low reset input
I
CMOS1
5
2
DiSEqC[2]
DiSEqC input for level 2 control. Also usable as
GPP2 (general purpose port pin) for other purposes,
and as MICLK - external clock input for MPEG data.
I/O
Open
drain1
56
3
DiSEqC[1]
Horizontal/vertical LNB control (acts as input only in
production test modes)
I/O
CMOS
3.3
2
4
DiSEqC[0]
22 kHz output to LNB (acts as input only in
production test modes)
I/O
CMOS
3.3
2
DC Electrical Characteristics (continued)
Parameter
Conditions/Pin
Symbol
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com