Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6313 Datasheet(PDF) 6 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 6 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 2Page - Intel Corporation CE6313 Datasheet HTML 3Page - Intel Corporation CE6313 Datasheet HTML 4Page - Intel Corporation CE6313 Datasheet HTML 5Page - Intel Corporation CE6313 Datasheet HTML 6Page - Intel Corporation CE6313 Datasheet HTML 7Page - Intel Corporation CE6313 Datasheet HTML 8Page - Intel Corporation CE6313 Datasheet HTML 9Page - Intel Corporation CE6313 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
CE6313
Data Sheet
6
Intel Corporation
Additional Features
• 2-wire bus microprocessor interface
• All-digital clock and carrier recovery
• On-chip PLL clock generation using a low cost
10 to 16 MHz crystal (or external clock)
• 3.3/1.8 V operation
• 64 pin LQFP package
• Low external component count
• Commercial temperature range 0 to 70°C
• External MPEG clock option
Demodulator
• BPSK or QPSK programmable
• Optional fast acquisition mode for low symbol
rates
Viterbi
• Programmable decoder rates 1/2, 2/3, 3/4, 5/6,
6/7, 7/8
• Automatic spectrum resolution of IQ phase
• Constraint length k = 7
• Trace back depth 128
• Extensive SNR and BER monitors
De-Interleaver
• Compliant with DVB and DSS standards
Reed-Solomon
• (204, 188) for DVB and (146,130) for DSS
• Reed-Solomon bit-error-rate monitor to indicate
Viterbi performance
De-Scrambler
• EBU specification de-scrambler for DVB mode
Outputs
• MPEG transport parallel & serial output
• Three output clocking modes for maximum
flexibility
• Integrated MPEG2 TEI bit processing for DVB only
Application Support
• Windows based evaluation software
• ANSI-C compliant software
• A full DVB-S front-end satellite tuner reference
design kit is available for evaluation, based on the
schematic below (Figure 4). Intel reference CE9541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com