Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 2 Page - NXP Semiconductors

  S32K310 Datasheet HTML 1Page - NXP Semiconductors S32K310 Datasheet HTML 2Page - NXP Semiconductors S32K310 Datasheet HTML 3Page - NXP Semiconductors S32K310 Datasheet HTML 4Page - NXP Semiconductors S32K310 Datasheet HTML 5Page - NXP Semiconductors S32K310 Datasheet HTML 6Page - NXP Semiconductors S32K310 Datasheet HTML 7Page - NXP Semiconductors S32K310 Datasheet HTML 8Page - NXP Semiconductors S32K310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 164 page
background image
• Power management
— Low-power Arm Cortex-M7 core with excellent
energy efficiency, balanced with performance
— Power Management Controller (PMC) with
simplified mode management (RUN and
STANDBY)
— Supports peripheral specific clock gating. Only
specific peripherals remain working in low power
modes.
• Communications interfaces
— Up to 16 serial communication interface (LPUART)
modules, with LIN, UART and DMA support
— Up to six Low Power Serial Peripheral Interface
(LPSPI) modules with DMA support
— Up to two Low Power Inter-Integrated Circuit
(LPI2C) modules with DMA support
— Up to twelve FlexCAN modules (with optional CAN-
FD support)
— FlexIO module for flexible and high performance
serial interfaces
— Up to two Ethernet modules
— Up to two Synchronous Audio Interface (SAI)
modules
• Reliability, safety and security
— Hardware Security Engine (HSE_B) - Supports AES
accelerator(for K388 and K389 only)
— Up to two Internal Software Watchdog Timers
(SWT)
— Error-Correcting Code (ECC) on all memories
— Error Detection Code (EDC) on data path
— Cyclic Redundancy Check (CRC) module
— 64-bit Unique Identification (ID) number
— Extended Cross domain Domain Controller
(XRDC), providing protection for master core
access rights
— Virtualization Wrapper (VIRT_WRAPPER),
providing I/O protection
• Debug functionality
— Serial Wire JTAG debug Port (SWJ-DP), with 2 pin
Serial Wire Debug (SWD) for external debugger
— Debug Watchpoint and Trace (DWT), with four
configurable comparators as hardware watchpoints
— Serial Wire Output (SWO)-synchronous trace data
support
— Instrumentation Trace Macrocell (ITM) with
software and hardware trace, plus time stamping
— CoreSight AHB Trace Macrocell (HTM)
— Flash Patch and Breakpoints (FPB) with ability to
patch code and data from code space to system
space
— Serial Wire Viewer (SWV): A trace capability
providing displays of reads, writes, exceptions, PC
Samples and print
— Full data trace for up to 16 output wide
— Embedded Cross Trigger (ECT) is used for
multicore run-control and trace cross triggering,
using CoreSight Cross Trigger Interface (CTI)
• Timing and control
— Up to three enhanced modular I/O system (eMIOS),
offering up to 72 timer channels (IC/OC/PWM)
— Up to two System Timer Modules (STM)
— Up to two Logic Control Units (LCU)
— Full cross triggering support for ADC / timer (BCTU)
— One Trigger MUX Control (TRGMUX) module
— Up to three Periodic Interrupt Timer (PIT) modules
— 32-bit Real Time Counter (RTC) with autonomous
periodic interrupt (API) function
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
2 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com