Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 1 Page - NXP Semiconductors

  S32K310 Datasheet HTML 1Page - NXP Semiconductors S32K310 Datasheet HTML 2Page - NXP Semiconductors S32K310 Datasheet HTML 3Page - NXP Semiconductors S32K310 Datasheet HTML 4Page - NXP Semiconductors S32K310 Datasheet HTML 5Page - NXP Semiconductors S32K310 Datasheet HTML 6Page - NXP Semiconductors S32K310 Datasheet HTML 7Page - NXP Semiconductors S32K310 Datasheet HTML 8Page - NXP Semiconductors S32K310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 164 page
background image
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338,
S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
This document includes key information in the file attached to it. See the attachment icon in the PDF window to see the list of
attachments.
• Operating characteristics
— Voltage range: 2.97 V to 5.5 V
— Ambient temperature range: -40 °C to 125 °C for all
power modes
• Arm™ Cortex-M7 core, 32-bit CPU
— M7 supports up to 320 MHz frequency
— Arm Core based on the Armv7 and Thumb®-2 ISA
— Integrated Digital Signal Processor (DSP)
— Configurable Nested Vectored Interrupt Controller
(NVIC)
— Single Precision Floating Point Unit (FPU)
• Clock interfaces
— 8 - 40 MHz Fast External Oscillator (FXOSC)
— 48 MHz Fast Internal RC oscillator (FIRC)
— 32 kHz Low Power Oscillator (SIRC)
— 32 kHz Slow External Oscillator (SXOSC)
— System Phased Lock Loop (SPLL)
• I/O and package
— MAPBGA437 , LQFP48, HDQFP100, HDQFP172,
MAPBGA257, MAPBGA289, HDQFP172 with
Exposed pad (EP) package options
• Up to 32-channel DMA with up to 128 request sources
using DMAMUX
• Memory and memory interfaces
— Up to 12 MB program flash memory with ECC
— Up to 256 KB of flexible program or data flash
memory
— Up to 2304 KB SRAM with ECC, includes 384 KB
of TCM RAM ensuring maximum CPU performance
of fast control loops with minimal latency
— Data and instruction cache for each core to
minimize performance impact of memory access
latencies
— QuadSPI support
• Mixed-signal analog
— Up to three 12-bit Analog-to-Digital Converters
(ADC) with up to 24 channel analog inputs per
module
— One Temperature Sensor (TempSense)
— Up to three Analog Comparators (CMP), with each
comparator having an internal 8-bit DAC
• Human-Machine Interface (HMI)
— Up to 320 GPIO pins
— Non-Maskable Interrupt (NMI)
— Up to 60 pins with wakeup capability
— Up to 32 pins with interrupt support
S32K3XX
S32K3xx Data Sheet
Rev. 13 — 12 November 2025
Product data sheet


Similar Part No. - S32K310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S32K310 NXP-S32K310 Datasheet
1Mb / 137P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 5.2 - 10/2022
S32K310 NXP-S32K310 Datasheet
1Mb / 141P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 6 - 11/2022
S32K310 NXP-S32K310 Datasheet
1Mb / 146P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 7 - 04/2023
S32K310 NXP-S32K310 Datasheet
1Mb / 136P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 8 - 06/2023
S32K310 NXP-S32K310 Datasheet
1Mb / 143P
Automotive General Purpose MCUs
Rev. 9.1 - 03/2024
More results

Similar Description - S32K310

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
Axiomtek Co., Ltd.
EBOX660-872-FL AXIOMTEK-EBOX660-872-FL_16 Datasheet
334Kb / 1P
Supports VGA and DisplayPort for dual display
EBOX660-872-FL-DH AXIOMTEK-EBOX660-872-FL-DH Datasheet
340Kb / 1P
Supports VGA and DisplayPort for dual display
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
Supports SSDs and HDDs and tapedrives
logo
NXP Semiconductors
S32K3XX NXP-S32K3XX Datasheet
1Mb / 137P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 5.2 - 10/2022
S32K3XX NXP-S32K3XX_V01 Datasheet
1Mb / 141P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 6 - 11/2022
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
S32K3XX NXP-S32K3XX_V02 Datasheet
1Mb / 146P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 7 - 04/2023
S32K3XX NXP-S32K3XX_V03 Datasheet
1Mb / 136P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 8 - 06/2023
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
Supports S32M24x and S32M27x
Rev. 3 - 10/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com