Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors S32K310 Datasheet HTML 68Page - NXP Semiconductors S32K310 Datasheet HTML 69Page - NXP Semiconductors S32K310 Datasheet HTML 70Page - NXP Semiconductors S32K310 Datasheet HTML 71Page - NXP Semiconductors S32K310 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 164 page
background image
Table 27. GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
WFRST
RESET Input
Filtered pulse
width [1]
—
—
33
ns
—
—
WNFRST
RESET Input
not filtered pulse
width [2]
100
—
—
ns
—
—
ILKG_33_S0
3.3V input leakage
current for Standard
GPIO [3]
-133
—
300
nA
Pins with Analog
Function Count = 0
—
ILKG_33_S1
3.3V input leakage
current for Standard
GPIO [3]
-545
—
445
nA
Pins with Analog
Function Count = 1
—
ILKG_33_S2
3.3V input leakage
current for Standard
GPIO [3]
-749
—
517
nA
Pins with Analog
Function Count = 2,
plus PTA12, PTD1
—
ILKG_33_S3
3.3V input leakage
current for Standard
GPIO [3]
-1288
—
679
nA
Pins with Analog
Function Count = 3,
plus PTD0
—
ILKG_33_S_PTE13 3.3V input leakage
current for Standard
GPIO [3]
-1935
—
483
nA
PMC VRC_CTRL pin
—
ILKG_33_SP0
3.3V input leakage
current for Standard
Plus GPIO and
RESET IO [3]
-370
—
575
nA
Pins with Analog
Function Count = 0
—
ILKG_33_SP1
3.3V input leakage
current for Standard
Plus GPIO and
RESET IO [3]
-660
—
659
nA
Pins with Analog
Function Count = 1
—
ILKG_33_SP2
3.3V input leakage
current for Standard
Plus GPIO and
RESET IO [3]
-1094
—
794
nA
Pins with Analog
Function Count = 2
—
ILKG_33_M0
3.3V GPIO input
leakage current for
Medium GPIO [3]
-792
—
750
nA
Pins with Analog
Function Count = 0
—
ILKG_33_M1
3.3V GPIO input
leakage current for
Medium GPIO [3]
-989
—
824
nA
Pins with Analog
Function Count = 1,
plus PTC16, PTD5
—
ILKG_33_M2
3.3V GPIO input
leakage current for
Medium GPIO [3]
-1233
—
1248
nA
Pins PTD6 and PTE8
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
68 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com