Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 17Page - NXP Semiconductors S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors S32K310 Datasheet HTML 23Page - NXP Semiconductors S32K310 Datasheet HTML 24Page - NXP Semiconductors S32K310 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 164 page
background image
Table 3. Operating Conditions...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VGPIO
Input voltage range
at any I/O or analog
pin [1][7]
-0.3
—
VDD_HV
_A/B +
0.3
V
—
—
VODPU
Open-drain pull-up
voltage [1][8]
—
—
VDD_HV
_A/B
V
—
—
IINJPAD_DC_OP
Continuous DC input
current (positive/
negative) that can be
injected into an I/O
pin [9]
-3
—
3
mA
VDD_HV_A >= 3.6V
—
IINJPAD_DC_OP
Continuous DC input
current (positive/
negative) that can be
injected into an I/O
pin [9]
-2
—
3
mA
VDD_HV_A >= 2.97V
—
IINJSUM_DC_OP
Sum of
absolute value of
injected currents
on all the I/O
pins (continuous
DC limit) [9][10]
-30
—
30
mA
VDD_HV_A >= 3.6V
—
IINJSUM_DC_OP
Sum of
absolute value of
injected currents
on all the I/O
pins (continuous
DC limit) [9][10]
-20
—
30
mA
VDD_HV_A >= 2.97V
—
Vramp_slow
Supply ramp rate
(slow) [1][11]
0.5
—
—
V/min
—
—
Vramp_fast
Supply ramp rate
(fast) [1][11]
—
—
100
V/ms
—
—
[1] All voltages are referred to VSS unless otherwise specified.
[2] Voltage at VDD_DCDC cannot be higher than VDD_HV_A.
[3] Min and Max values are applicable only for non-SMPS mode where V15 is sourced externally.
[4] If total power dissipation and maximum junction temperature allows. Please refer to Thermal operating characteristics table for the maximum junction
temperature, and Thermal characteristics table for the thermal characteristics, to determine the maximum power dissipation allowed for a given package.
[5] You must ensure that the junction temperature in the application must not exceed the maximum specified Tj.
[6] VREFH should always be equal to or less than VDD_HV_A +0.1. Any positive differential voltage between VREFH and VDD_HV_A i.e., VDD_HV_A < VREFH
<= VDD_HV_A + 0.1V) is for RF-AC only. Appropriate decoupling capacitors should be used to filter noise on the supplies. See application note AN5032 for
reference supply design for SAR ADC
[7] Keeping the input voltage between this range practically ensures that no (noticeable) current is being injected. When exceeding these limits, the current being
injected must be lower than IINJPAD_DC_OP, all the time.
[8] Open-drain outputs must be pulled respectively to their supply rail (VDD_HV_A or VDD_HV_B).
[9] When the input pad voltage levels are close to VDD_HV_A (respectively to VDD_HV_B) or VSS, plus /minus the forward voltage of ESD diodes, practically,
no current is being injected. When these limits are exceeded, the maximum input current spec must be honored. Refer to the S32K3 Hardware Design
Guidelines AN for more details and recommendations for protecting the devices against injection current.
[10] If a positive injection current is present in one or more I/O pins, and the device is in Low-Speed RUN or STANDBY mode, the VDD_HV_A (or respectively,
VDD_HV_B) may lift and cause unexpected behavior. Therefore, it is recommended to add external protection hardware, to safely cover this scenario.
[11] The MCU supply ramp rate parameter must be applicable to the MCU input/external supplies. The ramp rate assumes that the S32K3xx HW design
guidelines available on www.nxp.com are followed.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
21 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com