Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 58Page - NXP Semiconductors S32K310 Datasheet HTML 59Page - NXP Semiconductors S32K310 Datasheet HTML 60Page - NXP Semiconductors S32K310 Datasheet HTML 61Page - NXP Semiconductors S32K310 Datasheet HTML 62Page - NXP Semiconductors S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 164 page
background image
Table 21. Example RUN mode configuration supply currents for S32K389...continued
85, max[6]
997.7
860.6
778.9
619.6
717.8
613.9
2.7
5.1
105, typ [6]
819.9
714.8
628.3
474.7
569.4
468.6
1.8
4.7
105,
max [7]
1192.0
1049.1
972.7
814.8
908.6
808.0
2.7
5.4
125, typ [6]
931.6
818.5
733.3
579.9
674.3
573.9
1.8
4.9
125,
max [7], [8]
1617.7
1434.3
1348.5
1195.7
1281.6
1184.4
2.7
6.3
[1] Current numbers are for reduced configuration and may vary based on user configuration and silicon process variation.
[2] See the configurations in Table 23.
[3] RUN IDD @ V15 includes Flash memory read current from the V11 voltage rail.
[4] IO current is not included. The actual current requirements for IOs will depend on the I/O configuration in the application.
[5] RUN IDD @ VDD_HV_A includes Flash memory read current from the V25 voltage rail.
[6] For S32K389, the current from a V15 supply will flow through the external NMOS for the V11 regulation stage, and into the V11 pins of the device.
[7] “typ” is indicative of the average current numbers at the nominal internally regulated V11 supply voltage, VDD_HV_A = 5.0V, VDD_HV_B = 5.0V, V15 = 1.5V, for
the typical silicon process.
[8] “max” is indicative of the maximum current numbers at the maximum internally regulated V11 supply voltage (1.16 V), VDD_HV_A = 5.5V, VDD_HV_B = 5.5V,
V15 = 1.65V, for the fast silicon process.
6.8 Operating mode
Table 22. STANDBY and low speed RUN configuration options
MODULE
STANDBY
All OFF
STANDBY
SIRC ON
STANDBY
FIRC ON
BOOT Mode
(OptionC[1],
FIRC @24 MHz)
Low Speed RUN
(OptionE [1],
FIRC @ 3MHz)
FIRC Mode
(OptionD [1],
FIRC @48 MHz)
Core M7_0/1
OFF
OFF
OFF
24 MHz
3 MHz
48 MHz
HSE_B
OFF
OFF
OFF
24 MHz
3 MHz
48 MHz
FIRC
OFF
OFF
24 MHz
24 MHz
3 MHz
48 MHz
FXOSC
OFF
OFF
OFF
OFF
OFF
OFF
SIRC
OFF
ON
OFF
ON
ON
ON
PLL
OFF
OFF
OFF
OFF
OFF
OFF
Flash
OFF
OFF
OFF
ON
ON
ON
eDMA
OFF
OFF
OFF
ON
ON
ON
FlexCAN
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
LPUART
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
LPSPI
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
LPI2C
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
62 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com