Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 72Page - NXP Semiconductors S32K310 Datasheet HTML 73Page - NXP Semiconductors S32K310 Datasheet HTML 74Page - NXP Semiconductors S32K310 Datasheet HTML 75Page - NXP Semiconductors S32K310 Datasheet HTML 76Page - NXP Semiconductors S32K310 Datasheet HTML 77Page - NXP Semiconductors S32K310 Datasheet HTML 78Page - NXP Semiconductors S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 164 page
background image
Table 29. 5.0V (4.5V - 5.5V) GPIO Output AC Specification...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TR_TF_50_SP
5.0V Standard Plus
GPIO rise/fall time [1]
[2][3][4]
3.4
—
11
ns
DSE=1 CL (max)
=50pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time [1][2][3]
1.8
—
8.2
ns
DSE=0, SRE=0 CL
(max) = 25pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time [1][2][3]
2.5
—
9.8
ns
DSE=0, SRE=1 CL
(max) = 25pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time [1][2][3]
0.7
—
4.5
ns
DSE=1, SRE=0 CL
(max) = 25pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time [1][2][3]
1.8
—
7.2
ns
DSE=1, SRE=1 CL
(max) = 25pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time [1][2][3][4]
3.95
—
13.2
ns
DSE=0, SRE=0 CL
(max) = 50pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time [1][2][3][4]
4.3
—
13.8
ns
DSE=0, SRE=1 CL
(max) = 50pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time [1][2][3][4]
1.6
—
7.1
ns
DSE=1, SRE=0 CL
(max) = 50pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time [1][2][3][4]
2.7
—
9.6
ns
DSE=1, SRE=1 CL
(max) = 50pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time [1][2][3]
0.4
—
3.15
ns
DSE=0, SRE=0 CL
(max) = 25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time [1][2][3]
1.5
—
6.7
ns
DSE=0, SRE=1 CL
(max) = 25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time [1][2][3]
0.3
—
2.02
ns
DSE=1, SRE=0 CL
(max) = 25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time [1][2][3]
0.9
—
4.85
ns
DSE=1, SRE=1 CL
(max) = 25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time [1][2][3][4]
1.0
—
5.8
ns
DSE=0, SRE=0 CL
(max) = 50pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time [1][2][3][4]
1.9
—
8.5
ns
DSE=0, SRE=1 CL
(max) = 50pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time [1][2][3][4]
0.9
—
3.0
ns
DSE=1, SRE=0 CL
(max) = 50pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time [1][2][3][4]
1.3
—
6.1
ns
DSE=1, SRE=1 CL
(max) = 50pF
—
[1] GPIO rise/fall time specifications are derived from simulation model for the defined operating points (between 20% and 80% of VDD_HV_A/B level). Actual
application rise/fall time should be extracted from IBIS model simulations with the microcontroller models and application PCB.
[2] GPIO output transistion time information can be obtained from the device IBIS model. IBIS models are recommended for system level simulations, as discrete
values for I/O transition times are not representative of the I/O pad behavior when connected to an actual transmission line load.
[3] I/O timing specifications are valid for the un-terminated 50ohm transmission line reference load given in the figure below. A lumped 8pF load (typical) is
assumed at the end of a 5 inch microstrip trace on standard FR4 with approximately 3.3pF/inch. For best signal integrity, the series resistance in the
transmission line should be matched closely to the selected output resistance (ROUT_*) of the I/O pad.
[4] Output timing valid for maximum external load C L = 50pF (includes PCB trace, package trace, and external device input load).
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
76 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com