Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 8Page - NXP Semiconductors S32K310 Datasheet HTML 9Page - NXP Semiconductors S32K310 Datasheet HTML 10Page - NXP Semiconductors S32K310 Datasheet HTML 11Page - NXP Semiconductors S32K310 Datasheet HTML 12Page - NXP Semiconductors S32K310 Datasheet HTML 13Page - NXP Semiconductors S32K310 Datasheet HTML 14Page - NXP Semiconductors S32K310 Datasheet HTML 15Page - NXP Semiconductors S32K310 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 164 page
background image
Table 1. S32K3xx chip's feature comparison
Feature
Chip
Safety/
ASIL
B
D
B
D
B
D
Program
flash
memory
512 KB
1 MB
2 MB
1 MB
2 MB
4 MB
8 MB
6 MB
8 MB
12 MB
Data
flash
memory
(KB)
64
128
128
256
Total
RAM
(KB)
112KB
(incl.
96KB
TCM)
128KB
(incl.
96KB
TCM)
192KB
(incl.
96KB
TCM)
256KB (incl. 192KB TCM)
512KB
(includi
ng
96KB
TCM)
512KB (incl.
192KB TCM)
1152KB
(incl.
192KB
TCM)
1152KB
(incl.
384KB
TCM)
1152KB
(incl.
192KB
TCM)
1152KB (incl. 384KB TCM) 2304KB
(incl.
384KB
TCM)
Standby
RAM
16 KB
32 KB
64 KB
Security
HSE_B
HSE B +
AES_ACCEL
Core
quantity
1 x M7
2 x M7
1 x M7 LS
1 x M7
2 x M7
1 x M7
LS
2 x M7
3 x M7
1 x M7
LS
1xM7 LS + 1xM7
1xM7
LS+3xM
7 or
2xM7
LS+1xM
7
1xM7
LS +
3xM7 or
2xM7
LS
+1xM7
Frequenc
y (MHz)
120
160
240
320
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
12 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com