Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 43Page - NXP Semiconductors S32K310 Datasheet HTML 44Page - NXP Semiconductors S32K310 Datasheet HTML 45Page - NXP Semiconductors S32K310 Datasheet HTML 46Page - NXP Semiconductors S32K310 Datasheet HTML 47Page - NXP Semiconductors S32K310 Datasheet HTML 48Page - NXP Semiconductors S32K310 Datasheet HTML 49Page - NXP Semiconductors S32K310 Datasheet HTML 50Page - NXP Semiconductors S32K310 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 164 page
background image
VDD_DCDC
V15
L_SMPS
D_SMPS
Q_SMPS
COUT_V15_SMPS
High-current
CBULK_SMPS
VDD_DCDC
PMOS_CTRL
VSS_DCDC
Logic supply (1.5V)
Figure 32. SMPS circuit
6.5 V15 regulator (BJT option, NPN ballast transistor control) electrical specifications
Some devices (S32K358, S32K356, S32K348, S32K338, S32K328, S32K344, S32K324, S32K314, S32K342, S32K322,
S32K341) support a linear regulator stage, with a dedicated pin to control an external NPN bipolar transistor. The chip hardware
design guidelines document lists the recommended part numbers for the external devices.
The chip hardware design guidelines document lists the recommended part number for NMOS. The S32K388 supports a linear
regulator stage for the V11 supply, with a dedicated pin to control an external NMOS transistor.
Table 13. V15 regulator (BJT option, NPN ballast transistor control) electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
V15
V15 output
—
1.51
—
V
—
—
IBCTL
IBCTL (V15 reg)
source
10
—
—
mA
—
—
IBCTL
IBCTL (V15 reg) sink —
—
-50
uA
—
—
tsettle_lm
Required setting
time from V11 in
FPM to load change
10
—
—
us
—
—
VDD_HV_NPN
Input voltage supply
for NPN external
ballast transistor
2.5
3.3 or 5
—
V
—
—
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
47 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com