Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors S32K310 Datasheet HTML 92Page - NXP Semiconductors S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 164 page
background image
Table 44. PLL...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
JPLL_acc
PLL accumulated
jitter (pk-pk) [2][3][4]
—
—
1680
ps
FPLL_out = 240MHz,
Fractional Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) [2][3][4]
—
—
295
ps
FPLL_out = 160MHz,
Integer Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) [2][3][4]
—
—
670
ps
FPLL_out = 160MHz,
Fractional Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) [2][3][4]
—
—
840
ps
FPLL_out = 160MHz,
Integer Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) [2][3][4]
—
—
1680
ps
FPLL_out = 160MHz,
Fractional Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) [2][3][4]
—
—
353
ps
FPLL_out = 120MHz,
Integer Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) [2][3][4]
—
—
853
ps
FPLL_out = 120MHz,
Fractional Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) [2][3][4]
—
—
840
ps
FPLL_out = 120MHz,
Integer Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) [2][3][4]
—
—
1680
ps
FPLL_out = 120MHz,
Fractional Mode
—
[1] The PLL output frequency must be configured such that the clock driven by this PLL output does not exceeded the maximum allowed for each device (see the
Clocking chapter of the Reference Manual).
[2] Jitter numbers are valid only at IP boundary and does not include any degradation due to IO pad for clock measurement.
[3] Jitter numbers calculated by extrapolating RMS jitter numbers to +/- 7 sigma .
[4] For SSCG, jitter due to systematic modulation needs to be added as per applied modulation. Accumulated jitter specification is not valid with SSCG
11.4 FXOSC
Table 45. FXOSC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
FREQ_BYPASS
Input clock
frequency in bypass
mode [1]
—
—
50
MHz
—
—
TRF_BYPASS
Input clock rise/fall
time in bypass
mode [1]
—
—
5
ns
—
—
CLKIN_DUTY_
BYPASS
Input clock duty
cycle in bypass
mode [1]
47.5
—
52.5
%
—
—
FXOSC_CLK
output clock
frequency in crystal
mode
8
—
40
MHz
—
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
92 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com