Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 6Page - NXP Semiconductors S32K310 Datasheet HTML 7Page - NXP Semiconductors S32K310 Datasheet HTML 8Page - NXP Semiconductors S32K310 Datasheet HTML 9Page - NXP Semiconductors S32K310 Datasheet HTML 10Page - NXP Semiconductors S32K310 Datasheet HTML 11Page - NXP Semiconductors S32K310 Datasheet HTML 12Page - NXP Semiconductors S32K310 Datasheet HTML 13Page - NXP Semiconductors S32K310 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 164 page
background image
Xbar (64 bit)
Fabric
6 MB Pflash with ECC
Memory
External Memory IF
1 x Ethernet, 1 Gbps
AVB/TSN
8 x FlexCAN
all ch support CAN FD
16 x LPUART (LIN)
Network
32 ch FlexIO
Emulating
UART, I2C, SPI
I2S, SENT, PWM
Communication
128 kB Dflash with ECC
1152 kB RAM with ECC
Include 384 kB TCM
FXOSC (8-40 MHz)
Memory
OTA ready -
RWW, A/B swap
External
Flash/Ram
expansion by
QuadSPI
•
•
CPU Platform
Arm M7 cores in
lockstep
One independent
Arm M7 for real
time processing
Optimized for Real-
time with zero wait
I/D-TCM
•
•
•
Motor Control
On-chip motor
control subsystem
Offloading CPU
•
•
Future Proof Security/OTA
ISO26262 Compliant Safety System
Scalable Arm platform
Optimized for LOW power
Rich Network/Communication Interface
•
•
•
•
•
Safety
HW redundancy
MBIST/LBIST/Self Test
Clock/Voltage monitor
Centralized error
detection
ASIL D compliant
•
•
•
•
•
Security
HW accl for AES 256,
RSA 4096, ECC 521
Firmware included,
upgradable
Side-channel physical
protection
Meet Evita Full
function goal
•
•
•
•
Network/
Communication
Ethernet (TSN), CAN/
CAN FD, LIN
SAI for Audio
Flexible IO emulation
•
•
•
System
FIRC (48 MHz)
CPU Platform
Cortex-M7
240 MHz
FPU, DSP
I-cache
D-cache
Cortex-M7
240 MHz
FPU, DSP
I-cache
D-cache
Lockstep Core
SIRC (32 kHz)
SXOSC (32 kHz)
2 x PLL
32ch DMA
32ch ext. INT/WKUP
6 x LPSPI
2 x LPI2C
2 x SAI (TDM, I2S)
Analog/Timers
BCTU (Body Control Trigger Unit)
3 x 24 ch 12 bit ADC
LCU (Logic Control Unit)
3 x 24 ch 16 bit eMIOS Timer
3 x LPCMP
Functional Safety
CMU
FCCU
MPU
SWT
EIM/ERM
STCU2
CRC
Security: HSE-B
Cortex-M0+
RAM
XRDC
Access control
Lifecycle
Management
Asymmetric Hardware Accelerators
Symmetric Hardware Accelerators
TRNG/PRNG
Debug/Trace (SWD/JTAG/ETB)
Cortex-M7
240 MHz
FPU, DSP
I-cache
D-cache
1 x uSDHC
32 bit RTC
1 x QuadSPI
Upto 2 Gbps
8 bit data width
Figure 14. S32K356: ASIL D Lockstep Core + One, 6MB General Purpose MCU
Fabric
Memory
8 MB Pflash with ECC
128 KB Dflash with ECC
1152 KB RAM with ECC
Incl 384 KB TCM
System
Debug/Trace (SWD/JTAG/ETB)
FXOSC (8 - 40MHz)
32ch ext. INT/WUP
Security: HSE -B
Asymmetric Hardware Accelerators
Symmetric Hardware Accelerators
Lifecycle
Management
XRDC
Access control
FIRC (48MHz)
SIRC (32KHz)
SXOSC (32KHz)
2 x PLL
32ch DMA
Analog/Timers
3 x 24ch 12bit ADC
3x24ch 16bit eMIOS Timer
BCTU (Body Control Trigger Unit)
LCU (Logic Control Unit)
MPU
CRC
FCCU
EIM/ERM
SWT
Functional Safety
CMU
STCU
External Memory IF
Communication
6 x LPSPI
2 x LPI2C
2 x SAI (TDM, I2S)
Network
8 x FlexCAN,
all ch support CAN FD
2 x Ethernet, 1Gbps
AVB/TSN
Xbar (64bit)
Cortex- M0+
RAM
32ch FlexIO
Emulating
UART, I2C, SPI,
I2S, SENT, PWM
16 x LPUART (LIN)
TRNG/PRNG
3x LPCMP
CPU Platform
Lock- Step or Split- Lock
Permanent Lock
AES Accelerator
Dedicated to Communications
AES Accelerator
optimized for
Low Latency
Performance
Cortex-M7
300 MHz
FPU, DSP
I-cache
D-cache
Cortex-M7
320 MHz
FPU, DSP
I-cache
D-cache
Cortex-M7
320 MHz
FPU, DSP
I-cache
D-cache
Cortex-M7
320 MHz
FPU, DSP
I-cache
D-cache
Cortex-M7
320 MHz
FPU, DSP
I-cache
D-cache
32 bit RTC
1 x QuadSPI
4 bit data width
Figure 15. S32K388: ASIL D 8MB MCU
Fabric
Memory
12MB PflashwithECC
256 KB Dflash with ECC
2.25MB SRAM with ECC
System
Debug/Trace (SWD/JTAG/ETB)
FXOSC(8-40MHz)
32ch ext.INT/WUP
Security: HSE-B
Asymmetric Hardware Accelerators
Symmetric Hardware Accelerators
Lifecycle
Management
XRDC
Access control
FIRC(48MHz)
SIRC(32KHz)
SXOSC (32KHz)
PLL
32ch DMA
Analog/Timers
3 x 24ch12bit ADC
3x24ch 24bit eMIOSTimer
BCTU (Body Control Trigger Unit)
LCU (Logic Control Unit)
MPU
CRC
FCCU
EIM/ERM
SWT
FunctionalSafety
CMU
STCU
ExternalMemoryIF
1 x QuadSPI
4bit data width
Communication
6 x LPSPI
2 x LPI2C
2 x SAI (TDM,I2S)
Network
12xFlexCAN,
all ch support CAN FD
2 x Ethernet,1Gbps
AVB/TSN
Xbar (64bit)
Cortex-M0+
RAM
32ch FlexIO
Emulating
UART, I2C, SPI,
I2S, SENT,PWM
16 x LPUART (LIN)
TRNG/PRNG
3x LPCMP
CPU Platform
Cortex-M7
32kB I-cache
NEON
32kB D-
32kB TCM32kB TCM
Cortex-M7
16 KB I-cache 16 KB D-cache
TCM: 32K-I, 64K-D
Cortex-M7
16 KB I-cache
16 KB D-cache
TCM: 32K-I, 64K-D
DP-FPU, DSP
DP-FPU, DSP
Lock-Stepor Split-Lock
PermanentLock
16 KB I-cache
Cortex-M7
32 KB I-
32 KB D-cache
TCM: 32K-I, 64K-D
DP-FPU, DSP
16 KB I-cache 16 KB D-cache
16 KB I-cache
Cortex-M7
32 KB I-cache 32 KB D-cache
TCM: 32K-I, 64K-D
DP-FPU, DSP
16 KB I-cache 16 KB D-
16 KB I-cache
AES Accelerator
Dedicatedto Communications
+FLEXCANs
+FLASH
+SRAM
437BGA Package
Figure 16. S32K389: ASIL D 12MB MCU
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
10 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com