Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 42Page - NXP Semiconductors S32K310 Datasheet HTML 43Page - NXP Semiconductors S32K310 Datasheet HTML 44Page - NXP Semiconductors S32K310 Datasheet HTML 45Page - NXP Semiconductors S32K310 Datasheet HTML 46Page - NXP Semiconductors S32K310 Datasheet HTML 47Page - NXP Semiconductors S32K310 Datasheet HTML 48Page - NXP Semiconductors S32K310 Datasheet HTML 49Page - NXP Semiconductors S32K310 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 164 page
background image
6.4 V15 regulator (SMPS option) electrical specifications
Some devices (S32K358, S32K356, S32K348, S32K338, S32K328, S32K388 and S32K389) support a SMPS, DC-DC buck
converter stage, with a dedicated pin to control an external Power P-channel MOSFET. In addition to the PMOS, an external
inductor and a Schottky diode are required. See related figures in section "Recommended decoupling capacitors".
The chip hardware design guidelines document lists the recommended part numbers for PMOS, Schottky diode and inductor.
Table 12. V15 regulator (SMPS option) electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
V15
V15 output
—
1.5
—
V
—
—
L_SMPS
External coil
inductance
—
4.7
—
uH
—
—
COUT_V15_SMPS External bypass
capacitor
—
20-22
—
uF
—
—
D_SMPS
External Schottky
diode average
forward current
—
2
—
A
—
—
VR
Schottky diode
reverse voltage
5.0
—
—
V
—
—
IF
Schottky diode
forward current
1.0
—
—
A
—
—
—
External P-channel
MOSFET total gate
charge
—
—
10
nC
VDD_DCDC = 5V
—
—
External P-channel
MOSFET threshold
voltage
—
—
2
V
—
—
CBULK_SMPS
Input supply bulk
capacitor for internal
SMPS [1]
—
22
—
µF
—
—
[1] Highly Recommended when internal SMPS is used to generate V15 and VDD_DCDC is supplied with isolated source from VDD_HV_A or VDD_HV_B
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
46 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com