Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 60Page - NXP Semiconductors S32K310 Datasheet HTML 61Page - NXP Semiconductors S32K310 Datasheet HTML 62Page - NXP Semiconductors S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors S32K310 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 164 page
background image
Table 23. RUN mode configuration options...continued
MODU
LE
Min.
Config.
(Optio
nF[1]),
PLL@
80
MHz
Min.
Config.
(Optio
nB[1]),
PLL@
120
MHz
Min.
Config.
(Optio
nA[1]),
PLL@
160
MHz
Min.
Config.
(Optio
nA+[1]),
PLL@
240
MHz
Min.
Config.
(Optio
nA+
+[1]),
PLL@
320
MHz
Config.
1
Dual
Core
@160
MHz
Config.
2
Single
Core
@160
MHz
Config.
3
Dual
Core
@120
MHz
Config.
4
Single
Core
@120
MHz
Config.
5
Single
Core
@80M
Hz
Config.
6-1
Dual
Core
@240
MHz
Config.
6-2
Triple
Core
@240
MHz
Config.
7
1xLS +
3x
cores
@320
MHz
LPUA
RT[4]
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
16x
4x
10x
8x
7x
16x
16x
16x
LPSPI[
5]
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
6x
4x
4x
4x
3x
5x
5x
5x
LPI2C[
6]
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
2x
2x
2x
All
OFF
1x
1x
1x
EMAC/
GMAC[
7]
OFF
OFF
OFF
OFF
OFF
ON
OFF
ON
OFF
OFF
ON
ON
ON
SAI
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
QSPI
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
ON
ON
eMIOS
[8]
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
3x
3x
2x
2x
2x
2x
2x
SAR_A
DC[9]
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
3x
3x
2x
2x
3x
3x
3x
LPCM
P[10]
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
2x
3x
All
OFF
All
OFF
OFF
OFF
OFF
[1] See clocking use case examples in the Clocking chapter of the S32K3xx Reference Manual.
[2] HSE_B: After start-up, the HSE core is in WFI.
[3]
• FlexCAN0: Transmitting an 8-byte CAN-FD data frame at 5 Mbps, every 10 ms.
• FlexCAN1: Transmitting a 64-byte CAN-FD data frame at 2 Mbps, every 20 ms.
• FlexCAN2-5: Transmitting an 8-byte CAN data frame at 500 Kbps, every 20 ms.
[4] LPUART0-15: Transmitting at 19200 bps, every 100ms.
[5]
• LPSPI0: Transmitting 32 bits at 20 Mbps (GPIO Fast pads), every 5 ms.
• LPSPI1-5: Transmitting 32 bits at 1 Mbps, every 5 ms.
[6] LPI2C0-1: Transmitting 3 bytes at 400 Kbps, every 100ms.
[7] EMAC/GMAC: ON for MII interface.
[8]
• eMIOS0: 6 channels in PWM mode @ 20 KHz.
• eMIOS1-2: 8 channels in PWM mode @ 400 Hz.
[9]
• SAR_ADC0: 16 channels at 400 Hz rate, BCTU triggered.
• SAR_ADC1-2: 4 channels at 20 KHz rate, BCTU triggered.
[10] LPCMP0: 8 channels enabled; LPCMP1-2: 4 channels enabled.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
64 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com