Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 5Page - STMicroelectronics STA333W Datasheet HTML 6Page - STMicroelectronics STA333W Datasheet HTML 7Page - STMicroelectronics STA333W Datasheet HTML 8Page - STMicroelectronics STA333W Datasheet HTML 9Page - STMicroelectronics STA333W Datasheet HTML 10Page - STMicroelectronics STA333W Datasheet HTML 11Page - STMicroelectronics STA333W Datasheet HTML 12Page - STMicroelectronics STA333W Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
STA333W
Electrical specification
9/42
3.4
Electrical characteristics
Table 6.
Electrical characteristics
(VCC = 18 V, VDD = 3.3 V, fsw = 384 kHz, Tamb = 25° C, RL = 8 Ω unless
otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Po
Output power BTL
THD = 1%
16
W
THD = 10%
20
Output power SE
RL = 4 Ω, f = 1 kHz, THD = 1%
7
RL = 4 Ω, f = 1 kHz, THD = 10%
9
RdsON
Power Pchannel/Nchannel
MOSFET (Total bridge)
ld = 1 A
180
250
m
Ω
ldss
Power Pchannel/Nchannel
leakage
Vcc = 18 V
10
µA
gP
Power Pchannel RdsON
matching
ld = 1 A
95
%
gN
Power Nchannel RdsON
matching
ld = 1 A
95
%
ILDT
Low current dead time
(static)
Resistive load, refer to Figure 3
510
ns
IHDT
High current dead time
(dynamic)
Refer to Figure 4
10
20
ns
tr
Rise time
Resistive load, refer to Figure 3
810
ns
tf
Fall time
Resistive load, refer to Figure 3
810
ns
VCC
Supply voltage operating
voltage
4.5
18
V
Ivcc
Supply current from Vcc in
power down
PWRDN = 0
0.03
0.06
0.2
mA
Supply current from Vcc in
operation
PCM input signal = -60 dBFS
Switching frequency = 384 KHz
No LC filters
30
mA
Ivdd-dig
Supply current for DDX
processing (reference only)
Internal clock = 49.152 MHz
10
30
50
mA
Supply current in standby
8
11
25
mA
ILIM
Over-current limit
Non-linear output (1)
2.2
3.5
4.3
A
ISC
Short-circuit protection
Hi-Z output (2)
2.7
3.8
5.0
A
UVL
Under-voltage protection
threshold
3.5
4.3
V
tmin
Output minimum pulse
width
No load
20
30
60
ns
THD+N
Total harmonic distortion
and noise
DXX stereo mode, Po = 1 W,
f = 1 kHz
0.05
0.2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com