Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 26Page - STMicroelectronics STA333W Datasheet HTML 27Page - STMicroelectronics STA333W Datasheet HTML 28Page - STMicroelectronics STA333W Datasheet HTML 29Page - STMicroelectronics STA333W Datasheet HTML 30Page - STMicroelectronics STA333W Datasheet HTML 31Page - STMicroelectronics STA333W Datasheet HTML 32Page - STMicroelectronics STA333W Datasheet HTML 33Page - STMicroelectronics STA333W Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Register description
STA333W
30/42
7.2
Volume control registers (addresses 0x06 - 0x0A)
7.2.1
Mute/line output configuration register
Master mute
Channel mute
7.2.2
Master volume register
7.2.3
Channel 1 volume
D7
D6
D5
D4
D3
D2
D1
D0
C2M
C1M
MMUTE
000
Table 40.
Master mute
Bit
R/W
RST
Name
Description
0R/W
0MMUTE
0: normal operation
1: all channels are in mute condition
Table 41.
Channel mute
Bit
R/W
RST
Name
Description
1R/W
0C1M
Channel 1 mute:
0: no mute condition.
It is possible to set the channel volume
1: Channel 1 in hardware mute
2R/W
0C2M
Channel 2 mute:
0: no Mute condition.
It is possible to set the channel volume
1: Channel 2 in hardware mute
D7
D6
D5
D4
D3
D2
D1
D0
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
11
11
11
11
D7
D6
D5
D4
D3
D2
D1
D0
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
0
1100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com