Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 8Page - STMicroelectronics STA333W Datasheet HTML 9Page - STMicroelectronics STA333W Datasheet HTML 10Page - STMicroelectronics STA333W Datasheet HTML 11Page - STMicroelectronics STA333W Datasheet HTML 12Page - STMicroelectronics STA333W Datasheet HTML 13Page - STMicroelectronics STA333W Datasheet HTML 14Page - STMicroelectronics STA333W Datasheet HTML 15Page - STMicroelectronics STA333W Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Characterization data
STA333W
12/42
5
Characterization data
Figure 5.
Output power 1% THD
Figure 6.
FFT 0 dBfs 1 kHz, Vcc = 12 V, RL = 8 Ω
0
5
10
15
20
25
30
5
7
9
11
13
151719
supply voltage V
4 ohm
6 ohm
8 ohm
16 ohm
0
5
10
15
20
25
30
5
7
9
11
13
151719
supply voltage V
4 ohm
6 ohm
8 ohm
16 ohm
-150
+10
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-150
+10
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com