Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 21Page - STMicroelectronics STA333W Datasheet HTML 22Page - STMicroelectronics STA333W Datasheet HTML 23Page - STMicroelectronics STA333W Datasheet HTML 24Page - STMicroelectronics STA333W Datasheet HTML 25Page - STMicroelectronics STA333W Datasheet HTML 26Page - STMicroelectronics STA333W Datasheet HTML 27Page - STMicroelectronics STA333W Datasheet HTML 28Page - STMicroelectronics STA333W Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
STA333W
Register description
25/42
Channel input mapping
Each channel received via I2S can be mapped to any internal processing channel via the
channel input mapping registers. This allows for flexibility in processing. The default settings
of these registers map each I2S input channel to its corresponding processing channel.
7.1.4
Configuration register C (address 0x02)
DDX power output mode
The DDX power output mode selects how the DDX output timing is configured. Different
power devices use different output modes. The STA50x or STA51x recommended use is
OM = 10.
Table 19.
Channel input mapping
Bit
R/W
RST
Name
Description
6R/W
0C1IM
0: processing channel 1 receives left I2S input
1 : processing channel 1 receives right I2S input
7R/W
0C2IM
0: processing channel 2 receives left I2S input
1: processing channel 2 receives right I2S input
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
1
0
10
11
1
Table 20.
DDX power output mode
Bit
R/W
RST
Name
Description
0R/W
1OM0
The DDX power output mode selects configuration of
DDX output.
1R/W
1OM1
Table 21.
Output modes
OM[1:0]
Output stage – mode
00
STA50x: drop compensation
01
Discrete output stage: tapered compensation
10
STA50x: full power mode
11
Variable drop compensation (CSZx bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com