Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 28Page - STMicroelectronics STA333W Datasheet HTML 29Page - STMicroelectronics STA333W Datasheet HTML 30Page - STMicroelectronics STA333W Datasheet HTML 31Page - STMicroelectronics STA333W Datasheet HTML 32Page - STMicroelectronics STA333W Datasheet HTML 33Page - STMicroelectronics STA333W Datasheet HTML 34Page - STMicroelectronics STA333W Datasheet HTML 35Page - STMicroelectronics STA333W Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Register description
STA333W
32/42
7.3
Auto mode registers (0x0C)
7.3.1
Auto mode register 2 (address 0x0C)
AM interference frequency switching
AMAM bits
……
11010111 (0xD7)
-59.5 dB
11011000 (0xD8)
-60 dB
11011001 (0xD9)
-61 dB
11011010 (0xDA)
-62 dB
……
11101100 (0xEC)
-80 dB
11101101 (0xED)
Hard channel mute
……
11111111 (0xFF)
Hard channel mute
Table 43.
Channel volume as a function of CxV[7:0] (continued)
D7
D6
D5
D4
D3
D2
D1
D0
XO3
XO2
XO1
XO0
AMAM2
AMAM1
AMAM0
AMAME
00
00
00
00
Table 44.
AM interference frequency switching
Bit
R/W
RST
Name
Description
0R/W
0AMAME
0: switching frequency determined by PWMS setting
1: switching frequency determined by AMAM setting
Table 45.
AutoMode AM switching frequency selection
AMAM[2:0]
48 kHz / 96 kHz input Fs
44.1 kHz / 88.2 kHz input Fs
000
0.535 MHz – 0.720 MHz
0.535 MHz – 0.670 MHz
001
0.721 MHz – 0.900 MHz
0.671 MHz – 0.800 MHz
010
0.901 MHz – 1.100 MHz
0.801 MHz – 1.000 MHz
011
1.101 MHz – 1.300 MHz
1.001 MHz – 1.180 MHz
100
1.301 MHz – 1.480 MHz
1.181 MHz – 1.340 MHz
101
1.481 MHz – 1.600 MHz
1.341 MHz – 1.500 MHz
110
1.601 MHz – 1.700 MHz
1.501 MHz – 1.700 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com