Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 33Page - STMicroelectronics STA333W Datasheet HTML 34Page - STMicroelectronics STA333W Datasheet HTML 35Page - STMicroelectronics STA333W Datasheet HTML 36Page - STMicroelectronics STA333W Datasheet HTML 37Page - STMicroelectronics STA333W Datasheet HTML 38Page - STMicroelectronics STA333W Datasheet HTML 39Page - STMicroelectronics STA333W Datasheet HTML 40Page - STMicroelectronics STA333W Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
STA333W
Application
37/42
8
Application
Figure 14.
Application diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
GND_SUB
SA
TESTMODE
VSS_REG
VCC_REG
OUT2B
GND2
VCC2
OUT2A
OUT1B
VCC1
GND1
OUT1A
GND_REG
VDD_REG
CONFIG
VDD_DIG
GND_DIG
SCL
SDA
INT_LINE
RESET
SDI
LRCKI
BICKI
XTI
PLL_GND
PLL_FILTER
PLL_VDD
POWRDN
GND_DIG
VDD_DIG
100nF
2.7
Ω
220pF
1.2nF
3.9K
Ω
100nF
2.7
Ω
100nF
100nF
100nF
1µF
1µF
100nF
1000µF
100nF
VCC
VDD
100pF
330pF
330pF
22
Ω
22
Ω
22µH
22µH
22µH
22µH
100nF
100nF
100nF
100nF
6.2
Ω
6.2
Ω
6.2
Ω
6.2
Ω
100nF
100nF
100nF
100nF
470nF
470nF
8
Ω
8
Ω
STA333W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com