Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 24Page - STMicroelectronics STA333W Datasheet HTML 25Page - STMicroelectronics STA333W Datasheet HTML 26Page - STMicroelectronics STA333W Datasheet HTML 27Page - STMicroelectronics STA333W Datasheet HTML 28Page - STMicroelectronics STA333W Datasheet HTML 29Page - STMicroelectronics STA333W Datasheet HTML 30Page - STMicroelectronics STA333W Datasheet HTML 31Page - STMicroelectronics STA333W Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Register description
STA333W
28/42
PWM speed mode
Distortion compensation variable enable
Zero-crossing volume enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings no clicks will be audible.
Soft volume update enable
7.1.7
Configuration register F(address 0x05)
Invalid Input detect mute enable
Setting the IDE bit enables this function, which looks at the input I2S data and will
automatically mute if the signals are perceived as invalid.
Table 30.
PWM speed mode
Bit
R/W
RST
Name
Description
4R/W
0PWMS
0: normal speed (384 kHz) all channels
1: odd speed (341.3 kHz) all channels
Table 31.
Distortion compensation variable enable
Bit
R/W
RST
Name
Description
5
R/W
0
DCCV
0: uses preset DC coefficient.
1: uses DCC coefficient.
Table 32.
Zero-crossing volume enable
Bit
R/W
RST
Name
Description
6R/W
1ZCE
1: volume adjustments will only occur at digital
zero-crossings
0: volume adjustments will occur immediately
Table 33.
Zero-crossing volume enable
Bit
R/W
RST
Name
Description
7R/W
1SVE
1: volume adjustments ramp according to SVR
settings
0 : volume adjustments will occur immediately
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
010111
X
X
Table 34.
Invalid input detect mute enable
Bit
R/W
RST
Name
Description
2
R/W
1
IDE
1: enables the automatic invalid input detect mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com